| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 682 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 682 Page - Renesas Technology Corp |
|
682 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 650 of 1468 REJ09B0412-0200 (7) PK1/PO25/TIOCA9/TIOCB9 The pin function is switched as shown below according to the combination of register setting of PPG and TPU, setting of the port function control register (PFCR), and the PK1DDR bit settings. Setting PPG TPU I/O Port Module Name Pin Function PO25_OE TIOCB9_OE PK1DDR PPG PO25 output* 1 TPU TIOCB9 output* 0 1 PK1 output* 0 0 1 I/O port PK1 input* 0 0 0 Note: * Valid when PCJKE = 1. (8) PK0/PO24/TIOCA9 The pin function is switched as shown below according to the combination of register setting of PPG and TPU, setting of the port function control register (PFCR), and the PK0DDR bit settings. Setting PPG TPU I/O Port Module Name Pin Function PO24_OE TIOCA9_OE PK0DDR PPG PO24 output* 1 TPU TIOCA9 output* 0 1 PK0 output* 0 0 1 I/O port PK0 input* 0 0 0 Note: * Valid when PCJKE = 1. |