| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 779 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 779 Page - Renesas Technology Corp |
|
779 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 747 of 1468 REJ09B0412-0200 TCNT value TGRA H'0000 TIOCA Time TGRB Counter cleared by TGRA compare match Figure 14.22 Example of PWM Mode Operation (1) Figure 14.23 shows an example of PWM mode 2 operation. In this example, synchronous operation is designated for channels 0 and 1, TGRB_1 compare match is set as the TCNT clearing source, and 0 is set for the initial output value and 1 for the output value of the other TGR registers (TGRA_0 to TGRD_0, TGRA_1), to output a 5-phase PWM waveform. In this case, the value set in TGRB_1 is used as the cycle, and the values set in the other TGRs as the duty cycle. TCNT value TGRB_1 H'0000 TIOCA0 Counter cleared by TGRB_1 compare match Time TGRA_1 TGRD_0 TGRC_0 TGRB_0 TGRA_0 TIOCB0 TIOCC0 TIOCD0 TIOCA1 Figure 14.23 Example of PWM Mode Operation (2) |