| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 782 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 782 Page - Renesas Technology Corp |
|
782 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 750 of 1468 REJ09B0412-0200 (1) Example of Phase Counting Mode Setting Procedure Figure 14.25 shows an example of the phase counting mode setting procedure. Phase counting mode Select phase counting mode Start count <Phase counting mode> Select phase counting mode with bits MD3 to MD0 in TMDR. Set the CST bit in TSTR to 1 to start the count operation. [1] [2] [1] [2] Figure 14.25 Example of Phase Counting Mode Setting Procedure |