| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 804 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 804 Page - Renesas Technology Corp |
|
804 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 772 of 1468 REJ09B0412-0200 14.10.10 Conflict between Buffer Register Write and Input Capture If the input capture signal is generated in the T2 state of a buffer register write cycle, the buffer operation takes precedence and the write to the buffer register is not performed. Figure 14.53 shows the timing in this case. TCNT P φ Input capture signal Address Buffer register address Write T 1 T 2 Buffer register write cycle N N TGR Buffer register M M Figure 14.53 Conflict between Buffer Register Write and Input Capture |