| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 1275 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 1275 Page - Renesas Technology Corp |
|
1275 / 1504 page ![]() Section 28 Power-Down Modes Rev. 2.00 Sep. 24, 2008 Page 1243 of 1468 REJ09B0412-0200 • MSTPCRB Bit Bit name Initial value: R/W: Bit Bit name Initial value: R/W: 15 MSTPB15 1 R/W 14 MSTPB14 1 R/W 13 MSTPB13 1 R/W 12 MSTPB12 1 R/W 11 MSTPB11 1 R/W 10 MSTPB10 1 R/W 9 MSTPB9 1 R/W 8 MSTPB8 1 R/W 7 MSTPB7 1 R/W 6 MSTPB6 1 R/W 5 MSTPB5 1 R/W 4 MSTPB4 1 R/W 3 MSTPB3 1 R/W 2 MSTPB2 1 R/W 1 MSTPB1 1 R/W 0 MSTPB0 1 R/W • MSTPCRA Bit Bit Name Initial Value R/W Module 15 ACSE 0 R/W All-Module-Clock-Stop Mode Enable Enables/disables all-module-clock-stop state for reducing current consumption by stopping the bus controller and I/O ports operations when the CPU executes the SLEEP instruction after module stop state has been set for all the on-chip peripheral modules controlled by MSTPCR. 0: All-module-clock-stop mode disabled 1: All-module-clock-stop mode enabled 14 MSTPA14 0 R/W EXDMA controller (EXDMAC) 13 MSTPA13 0 R/W DMA controller (DMAC) 12 MSTPA12 0 R/W Data transfer controller (DTC) 11 10 MSTPA11 MSTPA10 1 1 R/W R/W Reserved These bits are always read as 1. The write value should always be 1. 9 MSTPA9 1 R/W 8-bit timer (TMR_3 and TMR_2) 8 MSTPA8 1 R/W 8-bit timer (TMR_1 and TMR_0) 7 6 MSTPA7 MSTPA6 1 1 R/W R/W Reserved These bits are always read as 1. The write value should always be 1. |