| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 1276 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 1276 Page - Renesas Technology Corp |
|
1276 / 1504 page ![]() Section 28 Power-Down Modes Rev. 2.00 Sep. 24, 2008 Page 1244 of 1468 REJ09B0412-0200 Bit Bit Name Initial Value R/W Module 5 MSTPA5 1 R/W D/A converter (channels 1 and 0) 4 MSTPA4 1 R/W Reserved This bit is always read as 1. The write value should always be 1. 3 MSTPA3 1 R/W A/D converter (unit 0) 2 MSTPA2 1 R/W Reserved This bit is always read as 1. The write value should always be 1. 1 MSTPA1 1 R/W 16-bit timer pulse unit (TPU channels 11 to 6) 0 MSTPA0 1 R/W 16-bit timer pulse unit (TPU channels 5 to 0) • MSTPCRB Bit Bit Name Initial Value R/W Module 15 MSTPB15 1 R/W Programmable pulse generator (PPG_0: PO15 to PO0) 14 13 MSTPB14 MSTPB13 1 1 R/W R/W Reserved These bits are always read as 1. The write value should always be 1. 12 MSTPB12 1 R/W Serial communications interface_4 (SCI_4) 11 MSTPB11 1 R/W Reserved This bit is always read as 1. The write value should always be 1. 10 MSTPB10 1 R/W Serial communications interface_2 (SCI_2) 9 MSTPB9 1 R/W Serial communications interface_1 (SCI_1) 8 MSTPB8 1 R/W Serial communications interface_0 (SCI_0) 7 MSTPB7 1 R/W I 2C bus interface 2_1 (IIC2_1) 6 MSTPB6 1 R/W I 2C bus interface 2_0 (IIC2_0) 5 MSTPB5 1 R/W User break controller (UBC) 4 3 2 1 0 MSTPB4 MSTPB3 MSTPB2 MSTPB1 MSTPB0 1 1 1 1 1 R/W R/W R/W R/W R/W Reserved These bits are always read as 1. The write value should always be 1. |