| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 1304 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 1304 Page - Renesas Technology Corp |
|
1304 / 1504 page ![]() Section 28 Power-Down Modes Rev. 2.00 Sep. 24, 2008 Page 1272 of 1468 REJ09B0412-0200 Table 28.3 Oscillation Settling Time Settings EXTAL Input Clock Frequency* (MHz) WT STS5 WT STS4 WT STS3 WT STS2 WT STS1 WT STS0 Standby Time 18 16 14 12 10 8 Unit 0 Reserved 0 1 Reserved 0 Reserved 0 1 1 Reserved 0 Reserved 0 1 64 3.6 4.0 4.6 5.3 6.4 8.0 0 512 28.4 32.0 36.6 42.7 51.2 64.0 0 1 1 1 1024 56.9 64.0 73.1 85.3 102.4 128.0 0 2048 113.8 128.0 146.3 170.7 204.8 256.0 µs 0 1 4096 0.23 0.26 0.29 0.34 0.41 0.51 0 16384 0.91 1.02 1.17 1.37 1.64 2.05 0 1 1 32768 1.82 2.05 2.34 2.73 3.28 4.10 0 65536 3.64 4.10 4.68 5.46 6.55 8.19 0 1 131072 7.28 8.19 9.36 10.92 13.11 16.38 0 262144 14.56 16.38 18.72 21.85 26.21 32.77 0 1 1 1 1 524288 29.13 32.77 37.45 43.69 52.43 65.54 0 1 0 0 0 0 Reserved ms [Legend] : Recommended setting when external clock is in use : Recommended setting when crystal oscillator is in use Note: * The oscillation settling time, which includes a period where the oscillation by an oscillator is not stable, depends on the resonator characteristics. The above figures are for reference. |