| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 209 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 209 Page - Renesas Technology Corp |
|
209 / 1504 page ![]() Section 8 User Break Controller (UBC) Rev. 2.00 Sep. 24, 2008 Page 177 of 1468 REJ09B0412-0200 Bit Bit Name Initial Value R/W Description 5 4 IDn1 IDn0 0 0 R/W R/W Break Condition Select These bits select the PC break as the source of UBC break interrupt requests for the given channel. 00: Break requests will not be generated. 01: UBC break condition is the PC break. 1x: Setting prohibited 3 2 RWn1 RWn0 0 0 R/W R/W Read Select These bits select read cycles as the bus cycle break condition for the given channel. 00: Break requests will not be generated. 01: The bus cycle break condition is read cycles. 1x: Setting prohibited 1 0 0 0 R/W R/W Reserved These bits are always read as 0. The write value should always be 0. [Legend] n = Channels A to D |