| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 213 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 213 Page - Renesas Technology Corp |
|
213 / 1504 page ![]() Section 8 User Break Controller (UBC) Rev. 2.00 Sep. 24, 2008 Page 181 of 1468 REJ09B0412-0200 CKS Register read The value read as 1 is retained Register write Flag bit Flag bit is set to 1 Flag bit is cleared to 0 Figure 8.3 Flag Bit Clearing Sequence (Condition Match Flag) 4. After setting break conditions for the UBC, an unexpected UBC break interrupt may occur after the execution of an illegal instruction. This depends on the value of the program counter and the internal bus cycle. |