| データシートサーチシステム |
|
H8SX/1663M データシート(PDF) 310 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M データシート(HTML) 310 Page - Renesas Technology Corp |
|
310 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 278 of 1468 REJ09B0412-0200 When consecutively reading from the same area connected to a peripheral LSI whose data hold time is long, data outputs from the peripheral LSI and this LSI may conflict. Inserting the chip select assertion period extension cycle after the access cycle can avoid the data conflict. Figure 9.36 shows an example of the operation. In the figure, both bus cycles A and B are read access cycles to the address/data multiplexed I/O space. An example of the data conflict is shown in (a), and an example of avoiding the data conflict by the CS assertion period extension cycle in (b). B φ Address bus Data bus Bus cycle A Bus cycle B CS AH RD (a) Without CS assertion period extension cycle (CSXTn = 0) (b) With CS assertion period extension cycle (CSXTn = 1) Data hold time is long. Data conflict B φ Address bus Data bus Bus cycle A Bus cycle B CS AH RD Figure 9.36 Consecutive Read Accesses to Same Area (Address/Data Multiplexed I/O Space) |