| データシートサーチシステム |
|
MEC1322 データシート(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 データシート(HTML) 21 Page - Microchip Technology |
|
21 / 456 page ![]() 2014 - 2015 Microchip Technology Inc. DS00001719D-page 21 MEC1322 TABLE 1-22: MULTIPLEXING TABLE (1 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 1 Default: 0 GPIO036 PIO I (PU) VCC1 VCC1 No Gate 1 1 Reserved Reserved Reserved Reserved 1 2 Reserved Reserved Reserved Reserved 1 3 Reserved Reserved Reserved Reserved 2 Default: 0 GPIO153 PIO I VCC1 VCC1 No Gate Note 10 2 1 PVT_SCLK PIO VCC1 VCC1 Note 10 2 2 Reserved Reserved Reserved Reserved 2 3 Reserved Reserved Reserved Reserved 3 Default: 0 GPIO122 PIO I (PD) VCC1 VCC1 No Gate Note 10 3 1 SHD_SCLK PIO VCC1 VCC1 Note 10 3 2 Reserved Reserved Reserved Reserved 3 3 Reserved Reserved Reserved Reserved 4 Default: 0 GPIO011 PIO IOD (PD) VCC1 VCC1 No Gate 4 1 Reserved Reserved Reserved Reserved 4 2 Reserved Reserved Reserved Reserved 4 3 KSO16 PIO VCC1 VCC1 5 0 GPIO006 PIO VCC1 VCC1 No Gate 5 1 Reserved Reserved Reserved Reserved 5 2 Reserved Reserved Reserved Reserved 5 Default: 3 KSO13 PIO O-4mA VCC1 VCC1 6 0 GPIO005 PIO VCC1 VCC1 No Gate 6 1 Reserved Reserved Reserved Reserved 6 2 Reserved Reserved Reserved Reserved 6 Default: 3 KSO12 PIO O-4mA (PD) VCC1 VCC1 7 0 GPIO107 PIO VCC1 VCC1 No Gate 7 1 Reserved Reserved Reserved Reserved 7 2 Reserved Reserved Reserved Reserved 7 Default: 3 KSO11 PIO O-4mA VCC1 VCC1 8 0 GPIO004 PIO VCC1 VCC1 No Gate 8 1 Reserved Reserved Reserved Reserved 8 2 Reserved Reserved Reserved Reserved 8 Default: 3 KSO10 PIO O-4mA VCC1 VCC1 |