| データシートサーチシステム |
|
MEC1322 データシート(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 データシート(HTML) 26 Page - Microchip Technology |
|
26 / 456 page ![]() MEC1322 DS00001719D-page 26 2014 - 2015 Microchip Technology Inc. TABLE 1-27: MULTIPLEXING TABLE (6 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 41 Default: 0 GPIO206 PIO I VCC1 VCC1 No Gate 41 1 Reserved Reserved Reserved Reserved 41 2 Reserved Reserved Reserved Reserved 41 3 Reserved Reserved Reserved Reserved 42 0 GPIO060 PIO VCC1 VCC1 No Gate 42 Default: 1 ADC2 I_AN I_AN (PU) AVCC1_ADC AVCC1_ADC Low Note 8 42 2 Reserved Reserved Reserved Reserved 42 3 Reserved Reserved Reserved Reserved 43 0 GPIO057 PIO VCC1 VCC1 No Gate 43 Default: 1 ADC1 I_AN I_AN AVCC1_ADC AVCC1_ADC Low Note 8 43 2 Reserved Reserved Reserved Reserved 43 3 Reserved Reserved Reserved Reserved 44 0 GPIO056 PIO VCC1 VCC1 No Gate 44 1 ADC0 I_AN AVCC1_ADC AVCC1_ADC Low Note 8 44 2 Reserved Reserved Reserved Reserved 44 Default: 3 ADC0 I_AN I_AN AVCC1_ADC AVCC1_ADC Low Note 8 45 AVSS PWR PWR PWR 45 45 45 46 0 GPIO112 PCI_PIO VCC1 VCC1 No Gate 46 Default: 1 LAD0 PCI_IO PCI_IO VCC1 VCC1 High Note 1 46 2 Reserved Reserved Reserved Reserved 46 3 Reserved Reserved Reserved Reserved 47 VSS PWR PWR PWR 47 47 47 48 0 GPIO114 PCI_PIO VCC1 VCC1 No Gate 48 Default: 1 LAD1 PCI_IO PCI_IO VCC1 VCC1 High Note 1 48 2 Reserved Reserved Reserved Reserved 48 3 Reserved Reserved Reserved Reserved |