| データシートサーチシステム |
|
MEC1322 データシート(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 データシート(HTML) 24 Page - Microchip Technology |
|
24 / 456 page ![]() MEC1322 DS00001719D-page 24 2014 - 2015 Microchip Technology Inc. TABLE 1-25: MULTIPLEXING TABLE (4 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 25 0 GPIO142 PIO VCC1 VCC1 No Gate 25 1 Reserved Reserved Reserved Reserved 25 2 Reserved Reserved Reserved Reserved 25 Default: 3 KSI4 PIO I VCC1 VCC1 Low Note 11 26 0 GPIO032 PIO VCC1 VCC1 No Gate 26 1 Reserved Reserved Reserved Reserved 26 2 Reserved Reserved Reserved Reserved 26 Default: 3 KSI3 PIO I VCC1 VCC1 Low Note 11 27 0 GPIO144 PIO VCC1 VCC1 No Gate 27 1 Reserved Reserved Reserved Reserved 27 2 Reserved Reserved Reserved Reserved 27 Default: 3 KSI2 PIO I VCC1 VCC1 Low Note 11 28 0 GPIO126 PIO VCC1 VCC1 No Gate 28 1 Reserved Reserved Reserved Reserved 28 Default: 2 KSI1 PIO I VCC1 VCC1 Low Note 11 28 3 Reserved Reserved Reserved Reserved 29 0 GPIO125 PIO VCC1 VCC1 No Gate 29 1 Reserved Reserved Reserved Reserved 29 Default: 2 KSI0 PIO I VCC1 VCC1 Low Note 11 29 3 Reserved Reserved Reserved Reserved 30 Default: 0 GPIO031 PIO I (PU) VCC1 VCC1 No Gate 30 1 Reserved Reserved Reserved Reserved 30 2 Reserved Reserved Reserved Reserved 30 3 Reserved Reserved Reserved Reserved 31 Default: 0 GPIO127 PIO I VCC1 VCC1 No Gate 31 1 PECI_RDY PIO VCC1 VCC1 High 31 2 Reserved Reserved Reserved Reserved 31 3 Reserved Reserved Reserved Reserved 32 0 GPIO052 PIO VCC1 VCC1 No Gate 32 1 Reserved Reserved Reserved Reserved 32 Default: 2 PS2_DAT2 PIO IOD-12mA VCC1 VCC1 Low 32 3 Reserved Reserved Reserved Reserved |