| データシートサーチシステム |
|
MEC1322 データシート(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 データシート(HTML) 35 Page - Microchip Technology |
|
35 / 456 page ![]() 2014 - 2015 Microchip Technology Inc. DS00001719D-page 35 MEC1322 TABLE 1-36: MULTIPLEXING TABLE (15 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 113 0 GPIO154 PIO VCC1 VCC1 No Gate 113 1 Reserved Reserved Reserved Reserved 113 Default: 2 LED0 PIO OD-12mA VCC1 VCC1 113 3 Reserved Reserved Reserved Reserved 114 0 GPIO155 PIO VCC1 VCC1 No Gate 114 1 Reserved Reserved Reserved Reserved 114 Default: 2 LED1 PIO OD-12mA VCC1 VCC1 114 3 Reserved Reserved Reserved Reserved 115 0 GPIO156 PIO VCC1 VCC1 No Gate 115 1 Reserved Reserved Reserved Reserved 115 Default: 2 LED2 PIO OD-12mA VCC1 VCC1 115 3 Reserved Reserved Reserved Reserved 116 Default: 0 GPIO163 PIO I VCC1 VCC1 No Gate 116 1 Reserved Reserved Reserved Reserved 116 2 Reserved Reserved Reserved Reserved 116 3 Reserved Reserved Reserved Reserved 117 VSS PWR PWR PWR 117 117 117 118 Default: 0 GPIO136 PIO I VCC1 VCC1 No Gate 118 1 PWM1 PIO VCC1 VCC1 118 2 Reserved Reserved Reserved Reserved 118 3 Reserved Reserved Reserved Reserved 119 VCC1 PWR PWR PWR 119 119 119 120 Default: 0 GPIO133 PIO I VCC1 VCC1 No Gate 120 1 PWM0 PIO VCC1 VCC1 120 2 Reserved Reserved Reserved Reserved 120 3 Reserved Reserved Reserved Reserved |