| データシートサーチシステム |
|
MEC1322 データシート(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 データシート(HTML) 36 Page - Microchip Technology |
|
36 / 456 page ![]() MEC1322 DS00001719D-page 36 2014 - 2015 Microchip Technology Inc. TABLE 1-37: MULTIPLEXING TABLE (16 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 121 Default: 0 GPIO034 PIO I VCC1 VCC1 No Gate 121 1 PWM2 PIO VCC1 VCC1 121 2 Reserved Reserved Reserved Reserved 121 3 TACH2PWM_OUT PIO VCC1 VCC1 122 Default: 0 GPIO135 PIO I VCC1 VCC1 No Gate 122 1 KBRST PIO VCC1 VCC1 122 2 Reserved Reserved Reserved Reserved 122 3 Reserved Reserved Reserved Reserved 123 Default: 0 GPIO044 PIO I VCC1 VCC1 No Gate 123 1 nSMI PIO VCC1 VCC1 123 2 Reserved Reserved Reserved Reserved 123 3 Reserved Reserved Reserved Reserved 124 Default: 0 GPIO066 PIO I VCC1 VCC1 No Gate 124 1 Reserved Reserved Reserved Reserved 124 2 Reserved Reserved Reserved Reserved 124 3 Reserved Reserved Reserved Reserved 125 Default: 0 GPIO025 PIO I VCC1 ON No Gate 125 1 Reserved Reserved Reserved Reserved 125 2 I2C3_DAT0 PIO VCC1 VCC1 High 125 3 Reserved Reserved Reserved Reserved 126 Default: 0 GPIO024 PIO I (PU) VCC1 VCC1 No Gate 126 1 Reserved Reserved Reserved Reserved 126 2 I2C3_CLK0 PIO VCC1 VCC1 High 126 3 Reserved Reserved Reserved Reserved 127 Default: 0 GPIO054 PIO I VCC1 VCC1 No Gate Note 10 127 1 PVT_MOSI PIO VCC1 VCC1 Note 10 127 2 Reserved Reserved Reserved Reserved 127 3 Reserved Reserved Reserved Reserved 128 Default: 0 GPIO064 PIO I VCC1 VCC1 No Gate Note 10 128 1 SHD_MOSI PIO VCC1 VCC1 Note 10 128 2 Reserved Reserved Reserved Reserved 128 3 Reserved Reserved Reserved Reserved |