| データシートサーチシステム |
|
MEC1322 データシート(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 データシート(HTML) 27 Page - Microchip Technology |
|
27 / 456 page ![]() 2014 - 2015 Microchip Technology Inc. DS00001719D-page 27 MEC1322 TABLE 1-28: MULTIPLEXING TABLE (7 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 49 Default: 0 JTAG_RST# I I VCC1 VCC1 No Gate Note 2 49 1 Reserved Reserved Reserved Reserved 49 2 Reserved Reserved Reserved Reserved 49 3 Reserved Reserved Reserved Reserved 50 0 GPIO113 PCI_PIO VCC1 VCC1 No Gate 50 Default: 1 LAD2 PCI_IO PCI_IO VCC1 VCC1 High Note 1 50 2 Reserved Reserved Reserved Reserved 50 3 Reserved Reserved Reserved Reserved 51 0 GPIO111 PCI_PIO VCC1 VCC1 No Gate 51 Default: 1 LAD3 PCI_IO PCI_IO VCC1 VCC1 High Note 1 51 2 Reserved Reserved Reserved Reserved 51 3 Reserved Reserved Reserved Reserved 52 0 GPIO120 PCI_PIO VCC1 VCC1 No Gate 52 Default: 1 LFRAME# PCI_I PCI_I VCC1 VCC1 High 52 2 Reserved Reserved Reserved Reserved 52 3 Reserved Reserved Reserved Reserved 53 0 GPIO116 PCI_PIO VCC1 VCC1 No Gate 53 Default: 1 LRESET# PCI_I PCI_I VCC1 VCC1 Low 53 2 Reserved Reserved Reserved Reserved 53 3 Reserved Reserved Reserved Reserved 54 0 GPIO117 PCI_PIO VCC1 VCC1 No Gate 54 Default: 1 PCI_CLK PCI_CLK PCI_CLK VCC1 VCC1 Low 54 2 Reserved Reserved Reserved Reserved 54 3 Reserved Reserved Reserved Reserved 55 0 GPIO014 PCI_PIO VCC1 VCC1 No Gate 55 Default: 1 CLKRUN# PCI_I PCI_I VCC1 VCC1 Low 55 2 Reserved Reserved Reserved Reserved 55 3 Reserved Reserved Reserved Reserved 56 VSS PWR PWR PWR 56 56 56 |