| データシートサーチシステム |
|
MEC1322 データシート(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 データシート(HTML) 31 Page - Microchip Technology |
|
31 / 456 page ![]() 2014 - 2015 Microchip Technology Inc. DS00001719D-page 31 MEC1322 TABLE 1-32: MULTIPLEXING TABLE (11 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 81 Default: 0 GPIO007 PIO I VCC1 VCC1 No Gate 81 1 Reserved Reserved Reserved Reserved 81 2 Reserved Reserved Reserved Reserved 81 3 KSO14 PIO VCC1 VCC1 82 VSS PWR PWR PWR 82 82 82 83 Default: 0 GPIO010 PIO I VCC1 VCC1 No Gate 83 1 Reserved Reserved Reserved Reserved 83 2 Reserved Reserved Reserved Reserved 83 3 KSO15 PIO VCC1 VCC1 84 VCC1 PWR PWR PWR 84 84 84 85 Default: 0 GPIO143 PIO I VCC1 ON No Gate 85 1 RSMRST# PIO VCC1 VCC1 Note 6 85 2 Reserved Reserved Reserved Reserved 85 3 Reserved Reserved Reserved Reserved 86 Default: 0 GPIO162 PIO I VCC1 VCC1 No Gate 86 1 RXD PIO VCC1 VCC1 High 86 2 Reserved Reserved Reserved Reserved 86 3 Reserved Reserved Reserved Reserved 87 Default: 0 GPIO165 PIO I VCC1 VCC1 No Gate 87 1 TXD PIO VCC1 VCC1 High 87 2 SHD_CS1# PIO VCC1 VCC1 High 87 3 Reserved Reserved Reserved Reserved 88 Default: 0 GPIO023 PIO I VCC1 VCC1 No Gate Note 5 88 1 Reserved Reserved Reserved Reserved 88 2 I2C1_DAT0 PIO VCC1 VCC1 High 88 3 Reserved Reserved Reserved Reserved |