| データシートサーチシステム |
|
MEC1322 データシート(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 データシート(HTML) 34 Page - Microchip Technology |
|
34 / 456 page ![]() MEC1322 DS00001719D-page 34 2014 - 2015 Microchip Technology Inc. TABLE 1-35: MULTIPLEXING TABLE (14 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 105 Default: 0 GPIO152 PIO I VCC1 VCC1 No Gate 105 1 Reserved Reserved Reserved Reserved 105 2 PS2_DAT3 PIO VCC1 VCC1 Low 105 3 Reserved Reserved Reserved Reserved 106 VCC1 PWR PWR PWR 106 106 106 107 Default: 0 GPIO030 PIO I VCC1 VCC1 No Gate 107 1 Reserved Reserved Reserved Reserved 107 2 Reserved Reserved Reserved Reserved 107 3 Reserved Reserved Reserved Reserved 108 Default: 0 GPIO012 PIO I VCC1 VCC1 No Gate 108 1 Reserved Reserved Reserved Reserved 108 2 Reserved Reserved Reserved Reserved 108 3 KSO17 PIO VCC1 VCC1 109 0 GPIO017 PIO VCC1 VCC1 No Gate 109 1 Reserved Reserved Reserved Reserved 109 Default: 2 I2C0_DAT1 PIO IOD-4mA VCC1 VCC1 High 109 3 Reserved Reserved Reserved Reserved 110 0 GPIO134 PIO VCC1 VCC1 No Gate 110 1 Reserved Reserved Reserved Reserved 110 Default: 2 I2C0_CLK1 PIO IOD-4mA VCC1 VCC1 High 110 3 Reserved Reserved Reserved Reserved 111 0 GPIO016 PIO VCC1 VCC1 No Gate 111 1 Reserved Reserved Reserved Reserved 111 Default: 2 I2C0_DAT0 PIO IOD-4mA VCC1 VCC1 High 111 3 Reserved Reserved Reserved Reserved 112 0 GPIO015 PIO VCC1 VCC1 No Gate 112 1 Reserved Reserved Reserved Reserved 112 Default: 2 I2C0_CLK0 PIO IOD-4mA VCC1 VCC1 High 112 3 Reserved Reserved Reserved Reserved |