| データシートサーチシステム |
|
MEC1322 データシート(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 データシート(HTML) 37 Page - Microchip Technology |
|
37 / 456 page ![]() 2014 - 2015 Microchip Technology Inc. DS00001719D-page 37 MEC1322 TABLE 1-38: MULTIPLEXING TABLE (17 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 129 Default: 0 GPIO067 PIO I (PD) VCC1 ON No Gate 129 1 Reserved Reserved Reserved Reserved 129 2 Reserved Reserved Reserved Reserved 129 3 Reserved Reserved Reserved Reserved 130 Default: 0 GPIO055 PIO I (PD) VCC1 ON No Gate 130 1 Reserved Reserved Reserved Reserved 130 2 Reserved Reserved Reserved Reserved 130 3 Reserved Reserved Reserved Reserved 131 Default: 0 GPIO210 PIO I (PD) VCC1 ON No Gate 131 1 Reserved Reserved Reserved Reserved 131 2 Reserved Reserved Reserved Reserved 131 3 Reserved Reserved Reserved Reserved 132 Default: 0 GPIO211 PIO I (PD) VCC1 ON No Gate 132 1 Reserved Reserved Reserved Reserved 132 2 Reserved Reserved Reserved Reserved 132 3 Reserved Reserved Reserved Reserved 133 Default: 0 GPIO200 PIO I (PD) VCC1 ON No Gate 133 1 Reserved Reserved Reserved Reserved 133 2 Reserved Reserved Reserved Reserved 133 3 Reserved Reserved Reserved Reserved 134 Default: 0 GPIO123 PIO I (PD) VCC1 ON No Gate 134 1 Reserved Reserved Reserved Reserved 134 2 Reserved Reserved Reserved Reserved 134 3 Reserved Reserved Reserved Reserved 135 VCC1 PWR PWR PWR 135 135 135 136 Default: 0 GPIO202 PIO I (PD) VCC1 ON No Gate 136 1 Reserved Reserved Reserved Reserved 136 2 Reserved Reserved Reserved Reserved 136 3 Reserved Reserved Reserved Reserved |