| データシートサーチシステム |
|
MEC1322 データシート(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 データシート(HTML) 28 Page - Microchip Technology |
|
28 / 456 page ![]() MEC1322 DS00001719D-page 28 2014 - 2015 Microchip Technology Inc. TABLE 1-29: MULTIPLEXING TABLE (8 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 57 0 GPIO115 PCI_PIO VCC1 VCC1 No Gate 57 Default: 1 SER_IRQ PCI_I PCI_I VCC1 VCC1 High Note 1 57 2 Reserved Reserved Reserved Reserved 57 3 Reserved Reserved Reserved Reserved 58 VCC1 PWR PWR PWR 58 58 58 59 0 GPIO041 PIO VCC1 VCC1 No Gate 59 Default: 1 Reserved PIO O-8mA(PD) LOW VCC1 ON Note 12 59 2 Reserved Reserved Reserved Reserved 59 3 Reserved Reserved Reserved Reserved 60 0 GPIO121 PIO VCC1 VCC1 No Gate 60 Default: 1 nRESET_OUT PIO O-8mA VCC1 ON Note 6 60 2 Reserved Reserved Reserved Reserved 60 3 Reserved Reserved Reserved Reserved 61 0 GPIO050 PIO VCC1 VCC1 No Gate 61 1 Reserved Reserved Reserved Reserved 61 Default: 2 PS2_CLK1 PIO IOD-12mA VCC1 VCC1 Low 61 3 Reserved Reserved Reserved Reserved 62 0 GPIO065 PIO VCC1 VCC1 No Gate 62 1 Reserved Reserved Reserved Reserved 62 Default: 2 PS2_DAT1 PIO IOD-12mA VCC1 VCC1 Low 62 3 Reserved Reserved Reserved Reserved 63 Default: 0 GPIO035 PIO I (PU) VCC1 VCC1 No Gate 63 1 Reserved Reserved Reserved Reserved 63 2 Reserved Reserved Reserved Reserved 63 3 Reserved Reserved Reserved Reserved 64 Default: 0 GPIO027 PIO I (PU) VCC1 VCC1 No Gate 64 1 Reserved Reserved Reserved Reserved 64 2 Reserved Reserved Reserved Reserved 64 3 Reserved Reserved Reserved Reserved |