| データシートサーチシステム |
|
MEC1322 データシート(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 データシート(HTML) 25 Page - Microchip Technology |
|
25 / 456 page ![]() 2014 - 2015 Microchip Technology Inc. DS00001719D-page 25 MEC1322 TABLE 1-26: MULTIPLEXING TABLE (5 OF 18) Pin Ref. Number MUX Signal Buffer Type Default Operation Signal Power Well Emulated Power Well Gated State Notes 33 Default: 0 GPIO147 PIO I (PU) VCC1 VCC1 No Gate 33 1 Reserved Reserved Reserved Reserved 33 2 Reserved Reserved Reserved Reserved 33 3 Reserved Reserved Reserved Reserved 34 Default: 0 GPIO151 PIO I (PU) VCC1 VCC1 No Gate 34 1 Reserved Reserved Reserved Reserved 34 2 Reserved Reserved Reserved Reserved 34 3 Reserved Reserved Reserved Reserved 35 0 GPIO051 PIO VCC1 VCC1 No Gate 35 1 Reserved Reserved Reserved Reserved 35 Default: 2 PS2_CLK2 PIO IOD-12mA VCC1 VCC1 Low 35 3 Reserved Reserved Reserved Reserved 36 VSS PWR PWR PWR 36 36 36 37 VCC1 PWR PWR PWR 37 37 37 38 0 GPIO062 PIO VCC1 VCC1 No Gate 38 Default: 1 ADC4 I_AN I_AN AVCC1_ADC AVCC1_ADC Low Note 8 38 2 Reserved Reserved Reserved Reserved 38 3 Reserved Reserved Reserved Reserved 39 0 GPIO061 PIO VCC1 VCC1 No Gate 39 Default: 1 ADC3 I_AN I_AN AVCC1_ADC AVCC1_ADC Low Note 8 39 2 Reserved Reserved Reserved Reserved 39 3 Reserved Reserved Reserved Reserved 40 AVCC PWR PWR PWR 40 40 40 |