| データシートサーチシステム |
|
MEC1322 データシート(PDF) 195 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 データシート(HTML) 195 Page - Microchip Technology |
|
195 / 456 page ![]() 2014 - 2015 Microchip Technology Inc. DS00001719D-page 195 MEC1322 firmware must enable an interrupt on the falling edge of the GPIO associated with JTAG_CLK if JTAG debug accesses are required while the MEC1322 is in a sleep mode in which the main clock is turned off. 15.8.2 INTERRUPT SUMMARY Table 15-3, "Interrupt Event Aggregator Routing Summary" summarizes the interrupts, wake capabilities and NVIC vec- tor locations. Table 15-4, "EC Interrupt Structure" summarizes the interrupts, priorities and vector locations. TABLE 15-3: INTERRUPT EVENT AGGREGATOR ROUTING SUMMARY Interrupt Aggregator IRQ Aggregator Bit Wake Event Aggregated NVIC Direct NVIC Interrupt GPIO140 GIRQ8 0 Yes 57 N/A GPIO141 GIRQ8 1 GPIO142 GIRQ8 2 GPIO143 GIRQ8 3 GPIO144 GIRQ8 4 GPIO145 GIRQ8 5 GPIO146 GIRQ8 6 GPIO147 GIRQ8 7 GPIO150 GIRQ8 8 GPIO151 GIRQ8 9 GPIO152 GIRQ8 10 GPIO153 GIRQ8 11 GPIO154 GIRQ8 12 GPIO155 GIRQ8 13 GPIO156 GIRQ8 14 GPIO157 GIRQ8 15 GPIO160 GIRQ8 16 GPIO161 GIRQ8 17 GPIO162 GIRQ8 18 GPIO163 GIRQ8 19 GPIO164 GIRQ8 20 GPIO165 GIRQ8 21 |