データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MEC1322 データシート(PDF) 200 Page - Microchip Technology

部品番号 MEC1322
部品情報  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 データシート(HTML) 200 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 196Page - Microchip Technology MEC1322 Datasheet HTML 197Page - Microchip Technology MEC1322 Datasheet HTML 198Page - Microchip Technology MEC1322 Datasheet HTML 199Page - Microchip Technology MEC1322 Datasheet HTML 200Page - Microchip Technology MEC1322 Datasheet HTML 201Page - Microchip Technology MEC1322 Datasheet HTML 202Page - Microchip Technology MEC1322 Datasheet HTML 203Page - Microchip Technology MEC1322 Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 456 page
background image
MEC1322
DS00001719D-page 200
 2014 - 2015 Microchip Technology Inc.
TACH_0
GIRQ17
0
No
66
26
TACH_1
GIRQ17
1
No
27
PS2_0_WK
GIRQ17
2
Yes
N/A
PS2_1_WK
GIRQ17
3
Yes
PS2_2_WK
GIRQ17
4
Yes
PS2_3_WK
GIRQ17
5
Yes
BC_INT_N_WK
GIRQ17
6
Yes
ADC_SNGL
GIRQ17
10
No
28
ADC_RPT
GIRQ17
11
No
29
MCHP Reserved
GIRQ17
12
No
30
MCHP Reserved
GIRQ17
13
No
31
PS2_0
GIRQ17
14
No
32
PS2_1
GIRQ17
15
No
33
PS2_2
GIRQ17
16
No
34
PS2_3
GIRQ17
17
No
35
RTC
GIRQ17
18
Yes
91
RTC ALARM
GIRQ17
19
Yes
92
HTIMER
GIRQ17
20
Yes
38
KSC_INT
GIRQ17
21
No
39
KSC_INT wake
GIRQ17
22
Yes
N/A
RPM_INT Stall
GIRQ17
23
No
41
RPM_INT Spin
GIRQ17
24
No
42
PFR_STS
GIRQ17
25
No
43
PWM_WDT0
GIRQ17
26
No
44
PWM_WDT1
GIRQ17
27
No
45
PWM_WDT2
GIRQ17
28
No
46
BCM_INT Err
GIRQ17
29
No
47
BCM_INT Busy
GIRQ17
30
No
48
SPI0 TX
GIRQ18
0
No
67
36
SPI0 RX
GIRQ18
1
37
SPI1 TX
GIRQ18
2
55
SPI1 RX
GIRQ18
3
56
PWM_WDT3
GIRQ18
4
85
MCHP Reserved
GIRQ18
5
86
MCHP Reserved
GIRQ18
6
87
MCHP Reserved
GIRQ18
7
88
MCHP Reserved
GIRQ18
8
89
MCHP Reserved
GIRQ18
9
90
VCC_PWRGD
GIRQ19
0
Yes
68
N/A
LRESET#
GIRQ19
1
GPIO200
GIRQ20
0
Yes
69
N/A
GPIO201
GIRQ20
1
GPIO202
GIRQ20
2
GPIO203
GIRQ20
3
TABLE 15-3:
INTERRUPT EVENT AGGREGATOR ROUTING SUMMARY (CONTINUED)
Interrupt
Aggregator IRQ
Aggregator Bit
Wake
Event
Aggregated NVIC
Direct NVIC
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More