| データシートサーチシステム |
|
HD404369F データシート(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F データシート(HTML) 35 Page - Renesas Technology Corp |
|
35 / 117 page ![]() HD404369 Series 33 Bit Initial value Read/Write Bit name 3 0 W MIS3 2 0 W MIS2 0 0 W MIS0 1 0 W MIS1 Miscellaneous register (MIS: $00C) MIS1 0 MIS0 T * 0 0.24414 ms tRC 0.12207 ms 0.24414 ms 7.8125 ms 62.5 ms Oscillation Circuit Conditions External clock input Ceramic oscillator 0 1 1 1 0 1 15.625 ms 125 ms Not used — Notes: 1. 2. The values of T and tRC are applied when a 32.768-kHz crystal oscillator is used. The value is applied only when direct transfer operation is used. Buffer control. Refer to figure 34. MIS3 MIS2 1 * 1 * 2 Crystal oscillator Figure 15 Miscellaneous Register (MIS) Subactive mode Interrupt strobe Direct transfer completion timing MCU internal processing period Oscillation stabilization time Active mode T t RC T: tRC: tD: STOP/SBY instruction execution (Set LSON = 0, DTON = 1) Interrupt frame length Oscillation stabilization period Transition time TD Figure 16 Direct Transition Timing Stop Mode Cancellation by STOPC: The MCU enters active mode from stop mode by inputting STOPC as well as by RESET. In either case, the MCU starts instruction execution from the starting address (address 0) of the program. However, the value of the RAM enable flag (RAME: $021, bit 3) differs between cancellation by STOPC and by RESET. When stop mode is cancelled by RESET, RAME = 0; when cancelled by STOPC, RAME = 1. RESET can cancel all modes, but STOPC is valid only in stop mode; STOPC input is ignored in other modes. Therefore, when the program requires to confirm that stop mode has been cancelled by STOPC (for example, when the RAM contents before entering stop mode is |