| データシートサーチシステム |
|
HD404369F データシート(PDF) 50 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F データシート(HTML) 50 Page - Renesas Technology Corp |
|
50 / 117 page ![]() HD404369 Series 48 D Port (D 0–D13): Consist of 14 input/output pins addressed by one bit. Pins D 0–D13 are set by the SED and SEDD instructions, and reset by the RED and REDD instructions. Output data is stored in the port data register (PDR) for each pin. All pins D 0–D13 are tested by the TD and TDD instructions. The on/off statuses of the output buffers are controlled by D-port data control registers (DCD0–DCD3: $02C–$02F) that are mapped to memory addresses (figure 28). Pins D 0–D2, D4 are multiplexed with peripheral function pins INT0, INT1, EVNB, and STOPC, respectively. The peripheral function modes of these pins are selected by bits 0–3 (PMRB0– PMRB3) of port mode register B (PMRB: $024) (figure 29). Pin D 3 is multiplexed with peripheral function pin BUZZ. The peripheral function mode of this pin is selected by bit 3 (PMRA3) of port mode register A (PMRA: $004) (figure 30). R Ports (R0 0–R93): 39 input/output pins addressed in 4-bit units. Data is input to these ports by the LAR and LBR instructions, and output from them by the LRA and LRB instructions. Output data is stored in the port data register (PDR) for each pin. The on/off statuses of the output buffers of the R ports are controlled by R-port data control registers (DCR0–DCR9: $030–$039) that are mapped to memory addresses (figure 28). Pin R0 0 is multiplexed with peripheral function pin SCK. The peripheral function mode of this pin is selected by bit 3 (SMR3) of serial mode register (SMR: $005) (figure 31). Pins R0 1–R03 are multiplexed with peripheral pins SI, SO and TOC, respectively. The peripheral function modes of these pins are selected by bits 0–2 (PMRA0–PMRA2) of port mode register A (PMRA: $004), as shown in figure 30. Port R3 is multiplexed with peripheral function pins AN 0–AN3, respectively. The peripheral function modes of these pins can be selected by individual pins, by setting A/D mode register 1 (AMR1: $019) (figure 32). Ports R4 and R5 are multiplexed with peripheral function pins AN 4–AN11, respectively. The peripheral function modes of these pins can be selected in 4-pin units by setting bits 1 and 2 (AMR21, AMR22) of A/D mode register 2 (AMR2: $01A) (figure 33). Pull-Up MOS Transistor Control: A program-controlled pull-up MOS transistor is provided for each input/output pin. The on/off status of all these transistors is controlled by bit 3 (MIS3) of the miscellaneous register (MIS: $00C), and the on/off status of an individual transistor can also be controlled by the port data register (PDR) of the corresponding pin—enabling on/off control of that pin alone (table 21 and figure 34). The on/off status of each transistor and the peripheral function mode of each pin can be set independently. How to Deal with Unused I/O Pins: I/O pins that are not needed by the user system (floating) must be connected to V CC to prevent LSI malfunctions due to noise. These pins must either be pulled up to VCC by their pull-up MOS transistors or by resistors of about 100 k Ω. |