| データシートサーチシステム |
|
HD404369F データシート(PDF) 52 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F データシート(HTML) 52 Page - Renesas Technology Corp |
|
52 / 117 page ![]() HD404369 Series 50 Bit Initial value Read/Write Bit name 3 0 W PMRB3 2 0 W PMRB2 0 0 W PMRB0 1 0 W PMRB1 PMRB0 0 1 D0/INT0 Mode Selection D0 INT0 Port mode register B (PMRB: $024) PMRB1 0 1 D1/INT1 Mode Selection D1 INT1 PMRB2 0 1 D2/EVNB Mode Selection D2 EVNB PMRB3 0 1 D4/STOPC Mode Selection D4 STOPC * Note: PMRB3 is reset to 0 only by RESET input. When STOPC is input in stop mode, PMRB3 is not reset but retains its value. * Figure 29 Port Mode Register B (PMRB) Bit Initial value Read/Write Bit name 3 0 W PMRA3 2 0 W PMRA2 0 0 W PMRA0 1 0 W PMRA1 PMRA0 0 1 R02/SO Mode Selection R02 SO Port mode register A (PMRA: $004) PMRA1 0 1 R01/SI Mode Selection R01 SI PMRA2 0 1 R03/TOC Mode Selection R03 TOC PMRA3 0 1 D3/BUZZ Mode Selection D3 BUZZ Figure 30 Port Mode Register A (PMRA) |