| データシートサーチシステム |
|
HD404369F データシート(PDF) 59 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F データシート(HTML) 59 Page - Renesas Technology Corp |
|
59 / 117 page ![]() HD404369 Series 57 Timer B Timer B Functions: Timer B has the following functions. • Free-running/reload timer • External event counter • Input capture timer The block diagram for each operation mode of timer B is shown in figures 38 and 39. Timer B Operations: • Free-running/reload timer operation: The free-running/reload operation, input clock source, and prescaler division ratio are selected by timer mode register B1 (TMB1: $009). Timer B is initialized to the value set in timer write register B (TWBL: $00A, TWBU: $00B) by software and incremented by one at each clock input. If an input clock is applied to timer B after it has reached $FF, an overflow is generated. In this case, if the reload timer function is enabled, timer B is initialized to its initial value set in timer write register B; if the free-running timer function is enabled, the timer is initialized to $00 and then incremented again. The overflow sets the timer B interrupt request flag (IFTB: $002, bit 0). IFTB is reset by software or MCU reset. Refer to figure 3 and table 1 for details. • External event counter operation: Timer B is used as an external event counter by selecting the external event input as an input clock source. In this case, pin D 2/EVNB must be set to EVNB by port mode register B (PMRB: $024). Either falling or rising edge, or both falling and rising edges of input signals can be selected as the external event detection edge by timer mode register 2 (TMB2: $026). When both rising and falling edges detection is selected, the time between the falling edge and rising edge of input signals must be 2t cyc or longer. Timer B is incremented by one at each detection edge selected by timer mode register 2 (TMB2: $026). The other operation is basically the same as the free-running/reload timer operation. • Input capture timer operation: The input capture timer counts the clock cycles between trigger edges input to pin EVNB. Either falling or rising edge, or both falling and rising edges of input signals can be selected as the trigger input edge by timer mode register 2 (TMB2: $026). When a trigger edge is input to EVNB, the count of timer B is written to timer read register B (TRBL: $00A, TRBU: $00B), and the timer B interrupt request flag (IFTB: $002, bit 0) and the input capture status flag (ICSF: $021, bit 0) are set. Timer B is reset to $00, and then incremented again. While ICSF is set, if a trigger input edge is applied to timer B, or if timer B generates an overflow, the input capture error flag (ICEF: $021, bit 1) is set. ICSF and ICEF are reset to 0 by MCU reset or by writing 0. |