| データシートサーチシステム |
|
HD404369F データシート(PDF) 40 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F データシート(HTML) 40 Page - Renesas Technology Corp |
|
40 / 117 page ![]() HD404369 Series 38 Oscillator Circuit A block diagram of the clock generation circuit is shown in figure 22. As shown in table 20, a ceramic oscillator or crystal oscillator can be connected to OSC 1 and OSC2, and a 32.768-kHz oscillator can be connected to X1 and X2. The system oscillator can also be operated by an external clock. Registers for Oscillator Circuit Operation System Clock Selection Register 1 (SSR1: $027): Four bit write-only register which sets the subsystem clock frequency (f SUB) division ratio, and sets the subsystem clock oscillation in stop mode. Bit 1 (SSR11) of system clock select register 1 must be set according to the frequency of the oscillator connected to OSC 1 and OSC 2 (figure 23). Bit 1 (SSR11) and bit 2 (SSR12) are initialized to 0 on reset and in stop mode. Bit 3 (SSR13) is initialized to 0 only on reset. OSC2 OSC1 X1 X2 System oscillator Sub- system oscillator 1/4, 1/8, 1/16 or 1/32 division circuit*1 Timing generator circuit System clock selection CPU with ROM, RAM, registers, flags, and I/O Peripheral function interrupt Time-base interrupt Time-base clock selection 1/8 or 1/4 division circuit*2 Timing generator circuit Timing generator circuit 1/8 division circuit fW fSUB tsubcyc LSON TMA3 fcyc tcyc fOSC fX tWcyc øCPU øPER øCLK Notes: 1/4, 1/8, 1/16 or 1/32 division ratio can be selected by setting bits 0 and 1 of system clock select register 2 (SSR2: $028). 1/8 or 1/4 division ratio can be selected by setting bit 2 of system clock select register 1 (SSR1: $027). 1. 2. Figure 22 Clock Generation Circuit |