| データシートサーチシステム |
|
HD404369F データシート(PDF) 62 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F データシート(HTML) 62 Page - Renesas Technology Corp |
|
62 / 117 page ![]() HD404369 Series 60 • Timer mode register B1 (TMB1: $009): Four-bit write-only register that selects the free-running/reload timer function, input clock source, and the prescaler division ratio as shown in figure 40. It is reset to $0 by MCU reset. Writing to this register is valid from the second instruction execution cycle after the execution of the previous timer mode register B1 write instruction. Setting timer B’s initialization by writing to timer write register B (TWBL: $00A, TWBU: $00B) must be done after a mode change becomes valid. When selecting the input capture timer operation, select the internal clock as the input clock source. Bit Initial value Read/Write Bit name 3 0 W TMB13 2 0 W TMB12 0 0 W TMB10 1 0 W TMB11 Timer mode register B1 (TMB1: $009) 0 1 0 1 0 1 0 1 0 1 0 1 0 1 2048tcyc 512tcyc 128tcyc 32tcyc 8tcyc 4tcyc 2tcyc TMB12 TMB10 TMB11 Input Clock Period and Input Clock Source D2/EVNB (external event input) TMB13 0 1 Free-Running/Reload Timer Selection Free-running timer Reload timer Figure 40 Timer Mode Register B1 (TMB1) • Timer mode register B2 (TMB2: $026): Three-bit write-only register that selects the detection edge of signals input to pin EVNB and input capture operation as shown in figure 41. It is reset to $0 by MCU reset. • Timer write register B (TWBL: $00A, TWBU: $00B): Write-only register consisting of the lower digit (TWBL) and the upper digit (TWBU). The lower digit is reset to $0 by MCU reset, but the upper digit value is invalid (figures 42 and 43). Timer B is initialized by writing to timer write register B (TWBL: $00A, TWBU: $00B). In this case, the lower digit (TWBL) must be written to first, but writing only to the lower digit does not change the timer B value. Timer B is initialized to the value in timer write register B at the same time the upper digit (TWBU) is written to. When timer write register B is written to again and if the lower digit value needs no change, writing only to the upper digit initializes timer B. |