| データシートサーチシステム |
|
HD404369F データシート(PDF) 97 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F データシート(HTML) 97 Page - Renesas Technology Corp |
|
97 / 117 page ![]() HD404369 Series 95 Addressing Modes RAM Addressing Modes The MCU has three RAM addressing modes, as shown in figure 80 and described below. Register Indirect Addressing Mode: The contents of the W, X, and Y registers (10 bits in total) are used as a RAM address. Direct Addressing Mode: A direct addressing instruction consists of two words. The first word contains the opcode, and the contents of the second word (10 bits) are used as a RAM address. Memory Register Addressing Mode: The memory registers (MR), which are located in 16 addresses from $040 to $04F, are accessed with the LAMR and XMRA instructions. AP 9 AP 0 W1 Y 0 W register X register Y register RAM address Register Direct Addressing AP 9 AP 0 RAM address Direct Addressing d 9 d 0 2nd word of Instruction Opcode 1st word of Instruction AP 9 AP 0 RAM address Memory Register Addressing m 3 Opcode Instruction 00 010 0 AP 8 AP 7 AP AP 5 AP 4 6 AP 3 AP 2 AP 1 AP AP AP AP AP AP AP AP 8 7 6 543 2 1 d 8 d 7 d 6 d 5 d 4 d 3 d 2 d 1 AP 8 AP 7 AP 6 AP 5 AP 4 AP 3 AP 2 AP 1 W0 X3 X2 X1 X0 Y 3 Y 2 Y 1 m 2 m 1 m 0 Figure 80 RAM Addressing Modes |