| データシートサーチシステム |
|
HD404369F データシート(PDF) 48 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F データシート(HTML) 48 Page - Renesas Technology Corp |
|
48 / 117 page ![]() HD404369 Series 46 I/O Pin Type Circuit Pins Peripheral function pins Input/output pins VCC VCC Pull-up control signal Output data Input data HLT MIS3 SCK SCK SCK Output pins VCC VCC Pull-up control signal PMOS control signal Output data HLT MIS3 SO MIS2 SO VCC VCC Pull-up control signal Output data HLT MIS3 TOC, BUZZ TOC, BUZZ Input pins Input data VCC HLT MIS3 SI, INT0, INT1, EVNB, STOPC PDR SI, INT 0, INT1, EVNB, STOPC VCC HLT MIS3 A/D input PDR Input control signal AN 0–AN 11 Notes: 1. In stop mode, the MCU is reset and the peripheral function selection is cancelled. The HLT signal goes low, and input/output pins enter the high-impedance state. 2. The HLT signal is 1 in active, standby, watch, and subactive modes. |