データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HD404369F データシート(PDF) 36 Page - Renesas Technology Corp

部品番号 HD404369F
部品情報  microcomputer has an A/D converter
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404369F データシート(HTML) 36 Page - Renesas Technology Corp

Back Button HD404369F Datasheet HTML 32Page - Renesas Technology Corp HD404369F Datasheet HTML 33Page - Renesas Technology Corp HD404369F Datasheet HTML 34Page - Renesas Technology Corp HD404369F Datasheet HTML 35Page - Renesas Technology Corp HD404369F Datasheet HTML 36Page - Renesas Technology Corp HD404369F Datasheet HTML 37Page - Renesas Technology Corp HD404369F Datasheet HTML 38Page - Renesas Technology Corp HD404369F Datasheet HTML 39Page - Renesas Technology Corp HD404369F Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 117 page
background image
HD404369 Series
34
used after transition to active mode), execute the TEST instruction to the RAM enable flag (RAME) at the
beginning of the program.
MCU Operation Sequence: The MCU operates in the sequence shown in figures 17 to 19. It is reset by an
asynchronous
RESET input, regardless of its status.
The low-power mode operation sequence is shown in figure 19. With the IE flag cleared and an interrupt
flag set together with its interrupt mask cleared, if a STOP/SBY instruction is executed, the instruction is
cancelled (regarded as an NOP) and the following instruction is executed. Before executing a
STOP/SBYinstruction, make sure all interrupt flags are cleared or all interrupts are masked.
Power on
RESET = 0 ?
RAME = 0
Reset MCU
MCU
operation
cycle
No
Yes
Figure 17 MCU Operating Sequence (Power On)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More