| データシートサーチシステム |
|
HD404369F データシート(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F データシート(HTML) 42 Page - Renesas Technology Corp |
|
42 / 117 page ![]() HD404369 Series 40 SSR2 is initialized to $0 on reset or in stop mode. Notes on Usage If the system clock select register 1 (SSR1: $027) setting does not match the oscillator frequency, the subsystem using the 32.768-kHz oscillation will malfunction. Bit Initial value Read/Write Bit name 3 — — Not used 2 — — Not used 0 0 W SSR20 1 0 W SSR21 System clock selection register 2 (SSR2: $028) SSR21 0 0 1 1 SSR20 0 1 0 1 System Clock Division Ratio 1/4 division 1/8 division 1/16 division 1/32 division Figure 24 System Clock Selection Register 2 (SSR2) |