| データシートサーチシステム |
|
HD404369F データシート(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F データシート(HTML) 41 Page - Renesas Technology Corp |
|
41 / 117 page ![]() HD404369 Series 39 Bit Initial value Read/Write Bit name 3 0 W SSR13 *1 2 0 W SSR12 0 — — Not used 1 0 W SSR11 System clock selection register 1 (SSR1: $027) System Clock Selection 0.4 to 1.0 MHz 1.6 to 5.0 MHz (HD404369 Series) 1.6 to 8.5 MHz (HD40A4369 Series) SSR11 0 1 SSR12 0 1 Ratio Selection fSUB = fX/8 fSUB = fX/4 32-kHz Oscillation Division SSR13 0 1 32-kHz Oscillation Stop Oscillation operates in stop mode Oscillation stops in stop mode *2 Notes: 1. SSR13 will only be cleared to 0 by a RESET input. A STOPC input during stop mode will not clear SSR13. Also note that SSR13 will not be cleared upon transition to stop mode. 2. If f OSC = 0.4 to 1.0 MHz, SSR11 must be set 0; if fOSC = 1.6 to 8.5 MHz, SSR11 must be set to 1. Do not use f OSC = 1.0 to 1.6 MHz with 32-kHz oscillation. Figure 23 System Clock Selection Register 1 (SSR1) System Clock Selection Register 2 (SSR2: $028): Four bit write-only register which is used to select the system clock divisor (figure 24). The division ratio of the system clock can be selected as 1/4, 1/8, 1/16, or 1/32 by setting bits 0 and 1 (SSR20, SSR21) of system clock select register 2 (SSR2). The values of SSR20 and SSR21 are valid after the MCU enters watch mode. The system clock must be stopped when the division ratio is to be changed. There are two methods for changing the system clock divisor, as follows. • In active mode, set the divisor by writing to SSR20 and SSR21. At this point, the prior divisor setting will remain in effect. Now, switch to watch mode, and then return to active mode. When active mode resumes, the system clock divisor will have switched to the new value. • In subactive mode, set the divisor by writing to SSR20 and SSR21. Then return to active mode through watch mode. When active mode resumes, the system clock divisor will have switched to the new value. (The change will also take effect for direct transition to active mode.) |