| データシートサーチシステム |
|
HD404369F データシート(PDF) 76 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F データシート(HTML) 76 Page - Renesas Technology Corp |
|
76 / 117 page ![]() HD404369 Series 74 Port mode register C (PMRC) SCK Selector System clock øPER Prescaler S (PSS) Idle controller 3 Serial mode register (SMR) Clock Serial data register (SR) Serial interrupt request flag (IFS) 1/2 1/2 SI SO Octal counter (OC) I/O controller Transfer control signal Figure 58 Serial Interface Block Diagram Serial Interface Operation Selecting and Changing the Operating Mode: Table 27 lists the serial interface’s operating modes. To select an operating mode, use one of these combinations of port mode register A (PMRA: $004) and the serial mode register (SMR: $005) settings; to change the operating mode, always initialize the serial interface internally by writing data to the serial mode register. Note that the serial interface is initialized by writing data to the serial mode register. Refer to the following Serial Mode Register section for details. Pin Setting: The R0 0/SCK pin is controlled by writing data to the serial mode register (SMR: $005). The R0 1/SI and R0 2/SO pins are controlled by writing data to port mode register A (PMRA: $004). Refer to the following Registers for Serial Interface section for details. Transmit Clock Source Setting: The transmit clock source is set by writing data to the serial mode register (SMR: $005) and port mode register C (PMRC: $025). Refer to the following Registers for Serial Interface section for details. Data Setting: Transmit data is set by writing data to the serial data register (SRL: $006, SRU, $007). Receive data is obtained by reading the contents of the serial data register. The serial data is shifted by the transmit clock and is input from or output to an external system. |