| データシートサーチシステム |
|
HD404369F データシート(PDF) 70 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F データシート(HTML) 70 Page - Renesas Technology Corp |
|
70 / 117 page ![]() HD404369 Series 68 Bit Initial value Read/Write Bit name 3 0 W PMRA3 2 0 W PMRA2 0 0 W PMRA0 1 0 W PMRA1 PMRA0 0 1 R02/SO Mode Selection R02 SO Port mode register A (PMRA: $004) PMRA1 0 1 R01/SI Mode Selection R01 SI PMRA2 0 1 R03/TOC Mode Selection R03 TOC PMRA3 0 1 D3/BUZZ Mode Selection D3 BUZZ Figure 51 Port Mode Register A (PMRA) Bit Initial value Read/Write Bit name 3 0 W TWCL3 2 0 W TWCL2 0 0 W TWCL0 1 0 W TWCL1 Timer write register C (lower digit) (TWCL: $00E) Figure 52 Timer Write Register C Lower Digit (TWCL) Bit Initial value Read/Write Bit name 3 Undefined W TWCU3 2 Undefined W TWCU2 0 Undefined W TWCU0 1 Undefined W TWCU1 Timer write register C (upper digit) (TWCU: $00F) Figure 53 Timer Write Register C Upper Digit (TWCU) |