| データシートサーチシステム |
|
HD404369F データシート(PDF) 103 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F データシート(HTML) 103 Page - Renesas Technology Corp |
|
103 / 117 page ![]() HD404369 Series 101 Absolute Maximum Ratings Item Symbol Value Unit Notes Supply voltage V CC –0.3 to +7.0 V Programming voltage V PP –0.3 to +14.0 V 1 Pin voltage V T –0.3 to V CC + 0.3 V 2 –0.3 to +15.0 V 3 Total permissible input current ∑I O 105 mA 4 Total permissible output current – ∑I O 50 mA 5 Maximum input current I O 4 mA 6, 7 30 mA 6, 8 Maximum output current –I O 4 mA 7, 9 Operating temperature T opr –20 to +75 °C Storage temperature T stg –55 to +125 °C Notes: Permanent damage may occur if these absolute maximum ratings are exceeded. Normal operation must be under the conditions stated in the electrical characteristics tables. If these conditions are exceeded, the LSI may malfunction or its reliability may be affected. 1. Applies to pin TEST (V PP) of HD407A4369. 2. Applies to all standard voltage pins. 3. Applies to intermediate-voltage pins. 4. The total permissible input current is the total of input currents simultaneously flowing in from all the I/O pins to GND. 5. The total permissible output current is the total of output currents simultaneously flowing out from V CC to all I/O pins. 6. The maximum input current is the maximum current flowing from each I/O pin to GND. 7. Applies to ports D 0 to D13, R0, R3 to R9. 8. Applies to ports R1 and R2. 9. The maximum output current is the maximum current flowing from V CC to each I/O pin |