| データシートサーチシステム |
|
L99DZ320 データシート(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ320 データシート(HTML) 51 Page - STMicroelectronics |
|
51 / 146 page ![]() 3.5 Functional overview (truth table) Table 51. Truth table Function Comments Operating modes Active mode V1_Standby static mode (cyclic sense) VBAT_Standby static mode (cyclic sense) Voltage regulator V1 VOUT = 5 V On On (1) Off Voltage regulator V2 VOUT = 5 V On/Off (2) On(2)/Off Off Reset generator On On Off Window watchdog V1 monitor On Off (On if IV1 > Icmp and ICMP = 0) Off Wake-up Off Active (3) Active(3) HS cyclic supply Oscillator time base On/Off On(2)/Off On(2)/Off LIN LIN 2.2a On Off (4) Off(4) CAN FD On/Off (5) Off(4) Off(4) Oscillator On On/Off(6) On/Off(6) Vs monitor On (7) (7) H-bridge gate driver, bridge drivers, all high-side drivers (except HS15 and HS0) On/Off(2) Off Off HS15 (P-channel HS) On/Off(2) On/Off(2) On/Off(2) HS0 (P-channel HS) On/Off(2) On/Off(2) On/Off(2) Charge pump On Off Off Thermal shutdown TSD2 On On Off Thermal shutdown TSD1x (for P-channel HS) On On On/Off(2) 1. Supply the processor in low current mode. 2. According to SPI setting. 3. Unless disabled by SPI. 4. The bus state is internally stored when going to standby mode. A change of bus state leads to a wake-up after exceeding the internal filter time (if wake-up by LIN or CAN is not disabled by SPI). 5. After power on, the CAN FD transceiver is in ‘CAN Trx Standby’ Mode. It is activated by SPI command (CAN_ACT = 1). 6. ON, if it is enabled at least one of the following: cyclic sense, HS15, HS0, V2. 7. Cyclic activation = pulsed ON during cyclic sense. L99DZ320 Functional description DS14235 - Rev 5 page 51/146 |