| データシートサーチシステム |
|
L99DZ320 データシート(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ320 データシート(HTML) 110 Page - STMicroelectronics |
|
110 / 146 page ![]() Bit Name Description 1 overcurrent recovery is turned ON 15 HS8_OCR Overcurrent recovery for HS8 0 overcurrent recovery is turned OFF (default) 1 overcurrent recovery is turned ON 14 HS7_OCR Overcurrent recovery for HS7 0 overcurrent recovery is turned OFF (default) 1 overcurrent recovery is turned ON 13 HB6_OCR Overcurrent recovery for HB6 0 overcurrent recovery is turned OFF (default) 1 overcurrent recovery is turned ON 12 HB5_OCR Overcurrent recovery for HB5 0 overcurrent recovery is turned OFF (default) 1 overcurrent recovery is turned ON 11 HB4_OCR Overcurrent recovery for HB4 0 overcurrent recovery is turned OFF (default) 1 overcurrent recovery is turned ON 10:6 RESERVED - 5 CM Current monitor 0 OFF (tristate) 1 ON (default) 4 CM_SEL_4 A current image of the selected binary coded output is multiplexed to the CM output. If a corresponding output does not exist, the current monitor is deactivated. Selected output 00000 tristate (default) 00001 tristate 00010 tristate 00011 tristate 00100 HB4 00101 HB5 00110 HB6 00111 HS7 01000 HS8 01001 HS9 01010 tristate 01011 HS11 01100 HS12 01101 HS13 01110 HS14 01111 HS15 10000 HS0 … … tristate 11111 tristate 3 CM_SEL_3 2 CM_SEL_2 1 CM_SEL_1 0 CM_SEL_0 L99DZ320 SPI Registers DS14235 - Rev 5 page 110/146 |