| データシートサーチシステム |
|
HD404369F データシート(PDF) 115 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F データシート(HTML) 115 Page - Renesas Technology Corp |
|
115 / 117 page ![]() HD404369 Series 113 Notes on ROM Out Please pay attention to the following items regarding ROM out. On ROM out, fill the ROM area indicated below with 1s to create the same data size for the HD404364, HD40A4364, HD404368, HD40A4368, HD4043612 and HD40A43612 as a 16-kword version (HD404369, HD40A4369). The 16-kword data sizes are required to change ROM data to mask manufacturing data since the program used is for a 16-kword version. This limitation applies when using an EPROM or a data base. Vector address Zero-page subroutine (64 words) Pattern & program (4,096 words) Not used Vector address Zero-page subroutine (64 words) Pattern & program (12,288 words) Not used ROM 4-kword version: HD404364, HD40A4364 ROM 12-kword version: HD4043612, HD40A43612 $0000 $000F $0010 $003F $0040 $0FFF $1000 $3FFF $0000 $000F $0010 $003F $0040 $2FFF $3000 $3FFF Fill this area with 1s Vector address Zero-page subroutine (64 words) Pattern & program (8,192 words) Not used ROM 8-kword version: HD404368, HD40A4368 $0000 $000F $0010 $003F $0040 $1FFF $2000 $3FFF |