データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 29 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 29 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 25Page - PANDUIT CORP. PCV-FA Datasheet HTML 26Page - PANDUIT CORP. PCV-FA Datasheet HTML 27Page - PANDUIT CORP. PCV-FA Datasheet HTML 28Page - PANDUIT CORP. PCV-FA Datasheet HTML 29Page - PANDUIT CORP. PCV-FA Datasheet HTML 30Page - PANDUIT CORP. PCV-FA Datasheet HTML 31Page - PANDUIT CORP. PCV-FA Datasheet HTML 32Page - PANDUIT CORP. PCV-FA Datasheet HTML 33Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
Safety Signs & Labels
27
800.777.3300 | Panduit.com
Labels
3" x 7"
B3589
1 1/2" x 1 1/2"
4" x 4"
B7304
1 1/2" x 3"
B3515
1 1/2" x 3"
B3514
Traffic Industrial
Signs
7" x 10"
10" x 14"
D7321
7" x 10"
10" x 14"
W7305
7" x 10"
10" x 14"
C7322
7" x 10"
10" x 14"
C7307
14" x 10"
C5662
7" x 10"
10" x 14"
C7308
7" x 10"
10" x 14"
C7309
7" x 10"
10" x 14"
C7310
7" x 10"
10" x 14"
C7311
7" x 10"
10" x 14"
C7312
7" x 10"
10" x 14"
C7313
7" x 10"
10" x 14"
C7314
14" x 10"
C4604
14" x 10"
C4601
7" x 10"
10" x 14"
C7315
7" x 10"
10" x 14"
C7306
14" x 10"
N4816
7" x 10"
10" x 14"
N7316
7" x 10"
10" x 14"
N7317
7" x 10"
10" x 14"
N7318
7" x 10"
10" x 14"
N7319
7" x 10"
10" x 14"
N7320
How to Order Labels:
Select Material
Code: PVS
1
Select Size
Code: 0101
2
Combine Codes in Specific Order for
Complete Part Number: PLVS0101B7304
4
Select Label Base
Part Number: B7304
3
Available Materials
Codes
Adhesive Vinyl (Pkg. of 5)
PVS
Polyester Laminated Vinyl (Each)
PLVS
Available Sizes
Codes
1 1/2" x 1 1/2"
0101
1 1/2" x 3"
0103
4" x 4"
0404
3" x 7"
0307
Available Sizes
Codes
4" x 12"
0412
7" x 5"
0705
7" x 10"
0710
10" x 7"
1007
10" x 14"
1014
14" x 10"
1410
7" x 17"
0717
Available Materials
Codes
Adhesive Vinyl (Each)
PVS
Polyester Laminated Vinyl (Each)
PLVS
Polyethylene Plastic (Each)
PRS
Aluminum (Each)
PAS
Select Size Code:
0710
2
How to Order Signs:
Select Material Code:
PVS
1
Combine Codes in Specific Order
for Complete Part Number: PVS0710B7288
4
Select Sign Base Part Number:
B7288
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com