データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 33 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 33 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 29Page - PANDUIT CORP. PCV-FA Datasheet HTML 30Page - PANDUIT CORP. PCV-FA Datasheet HTML 31Page - PANDUIT CORP. PCV-FA Datasheet HTML 32Page - PANDUIT CORP. PCV-FA Datasheet HTML 33Page - PANDUIT CORP. PCV-FA Datasheet HTML 34Page - PANDUIT CORP. PCV-FA Datasheet HTML 35Page - PANDUIT CORP. PCV-FA Datasheet HTML 36Page - PANDUIT CORP. PCV-FA Datasheet HTML 37Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 116 page
background image
Safety Signs & Labels
31
800.777.3300 | Panduit.com
3" x 9"
PSSG4012
3" x 9"
PSSG4018
3" x 9"
PSSG4016
9" x 6"
PSSG4721
9" x 6"
PSSG4751
9" x 6"
PSSG4029
9" x 6"
PSSG4036
9" x 6"
PSSG4031
9" x 6"
PSSG4039
9" x 6"
PSSG4032
6" x 9"
PSSG4021
6" x 9"
PSSG4024
6" x 9"
PSSG4025
6" x 9"
PSSG4033
6" x 9"
PSSG4023
Contemporary clear-shield
signs look good in regular
light and perform in the dark.
• Architectural-style signs for
the office as well as industrial
environments
• Printed on
photoluminescent film
• Can be seen when
power goes out
• Sub-surface protected
from top wear
• Mounts with double-sided
adhesive foam tape (included)
Glow Clear-Shield Signs
10" x 14"
B5579
10" x 14"
B4579
7" x 10"
10" x 14"
B7327
7" x 10"
10" x 14"
B7328
10" x 14"
B4534
10" x 14"
B4536
7" x 14"
B4549
7" x 14"
B4515
7" x 14"
B4516
Glow Signs
14" x 10"
B3508
14" x 10"
B3509
7" x 10"
10" x 14"
B7332
18" x 4"
B4510
18" x 4"
B4507
10" x 7"
14" x 10"
B7331
7" x 10"
10" x 14"
B7323
7" x 10"
10" x 14"
B7324
10" x 7"
14" x 10"
B7326
10" x 7"
14" x 10"
B7325
Severe Weather Signs
Exit & Emergency Signs
Fire Signs
12" x 4" 18" x 4" 24" x 4"
B7333
7" x 10"
10" x 14"
B7329
7" x 10"
10" x 14"
B7330
10" x 14"
B4504
Available Sizes
Codes
7" x 10"
0710
7" x 14"
0714
10" x 7"
1007
10" x 14"
1014
Available Sizes
Codes
14" x 10"
1410
12" x 4"
1204
18" x 4"
1804
24" x 4"
2404
Available Materials
Codes
Glow Adhesive (Each)
PVSG
Glow Plastic (Each)
PRSG
How to Order Signs:
Select Material Code:
PVSG
1
Select Size Code:
0714
2
Select Label Sign
Part Number: B4515
3
Combine Codes in Specific Order for
Complete Part Number: PVSG0714B4515
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com