データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 89 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 89 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 85Page - PANDUIT CORP. PCV-FA Datasheet HTML 86Page - PANDUIT CORP. PCV-FA Datasheet HTML 87Page - PANDUIT CORP. PCV-FA Datasheet HTML 88Page - PANDUIT CORP. PCV-FA Datasheet HTML 89Page - PANDUIT CORP. PCV-FA Datasheet HTML 90Page - PANDUIT CORP. PCV-FA Datasheet HTML 91Page - PANDUIT CORP. PCV-FA Datasheet HTML 92Page - PANDUIT CORP. PCV-FA Datasheet HTML 93Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 116 page
background image
Traffic Control Signs | Traffic Signs
87
Traffic Signs
Post traffic signs to safely control and regulate the flow of
vehicles and pedestrians.
• Constructed of heavy-duty, 0.080" aluminum, rustproof to withstand
weather conditions
• Reflective face for added bounce-back light visibility from headlights and
other light sources
• Abrasion-resistant face is also UV-resistant to prevent fading for years of
outdoor exposure
• Top and bottom center holes for post- or fence-mount installation
Materials
Engineer-Grade Prismatic – Good choice for added visibility in low-light
conditions. Type I
High-Intensity Prismatic – Better choice for greater visibility with 3X brighter
than Engineer-Grade. Type III, IV, X
Engineer-Grade Prismatic
High-Intensity Prismatic
Size
Part No.
Part No.
PTS075
PTS080
18" x 18"
PTS186
PTS083
24" x 24"
PTS187
PTS084
30" x 30"
PTS188
PTS085
36" x 36"
Engineer-Grade Prismatic
High-Intensity Prismatic
Size
SPEED LIMIT 5
Part No.
SPEED LIMIT 10
Part No.
SPEED LIMIT 15
Part No.
SPEED LIMIT 20
Part No.
SPEED LIMIT 5
Part No.
SPEED LIMIT 10
Part No.
SPEED LIMIT 15
Part No.
SPEED LIMIT 20
Part No.
PTS103
PTS091
PTS093
PTS095
PTS102
PTS090
PTS092
PTS094
18" x 12"
PTS123
PTS111
PTS113
PTS115
PTS122
PTS110
PTS112
PTS114
24" x 18"
Engineer-Grade Prismatic
High-Intensity Prismatic
Size
Part No.
Part No.
PTS141
PTS140
24" x 24"
PTS143
PTS142
30" x 30"
PTS145
PTS144
36" x 36"
Speed Limit Signs
Stop Signs & Yield Signs
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com