データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 57 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 57 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 53Page - PANDUIT CORP. PCV-FA Datasheet HTML 54Page - PANDUIT CORP. PCV-FA Datasheet HTML 55Page - PANDUIT CORP. PCV-FA Datasheet HTML 56Page - PANDUIT CORP. PCV-FA Datasheet HTML 57Page - PANDUIT CORP. PCV-FA Datasheet HTML 58Page - PANDUIT CORP. PCV-FA Datasheet HTML 59Page - PANDUIT CORP. PCV-FA Datasheet HTML 60Page - PANDUIT CORP. PCV-FA Datasheet HTML 61Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 116 page
background image
55
Labelmakers
PanTher™ Hand-Held Thermal Transfer Printer and Accessories
• Cut-to-length functionality eliminates label waste and label trimming labor
• Partial cut feature available to provide tear-apart strips of labels
• P1™ Label Cassette contains an integrated memory device for automatic formatting,
recall of last legend used, and number of labels remaining in the cassette
• Market specific labeling tools simplify label creation for electrical components, panel
building, and construction and maintenance
• USB interface for importing data, system upgrades, and printing from a wireless
laptop or desktop computer
• Prints self-laminating labels, heat shrink tubing, die-cut component labels and
continuous tapes
• Fast loading label cassette includes both label material and ribbon to make changing
labels easy
• Large graphic display with backlight for improved visibility
Part No.
Description
LS8EQ-KIT
Includes LS8EQ printer with QWERTY keypad, one cassette of
S100X150VAC self-laminating labels, six AA alkaline batteries, LS8-CASE,
LS8-PCKIT, LS8-IB, LS8-WS, quick reference card and operator’s manual
LS8EQ
Includes LS8EQ printer with QWERTY keypad, one cassette of
S100X150VAC self-laminating labels, six AA alkaline batteries and
quick reference card
P1™ Continuous Tape Cassettes for PanTher™ LS8EQ
Hand-Held Thermal Transfer Printers
• Fast loading label cassette includes both label material and ribbon to make
changing labels easy
• Print custom pipe markers, voltage markers, signs and bin marker labels on demand
• Available in a variety of colors, in polyester and vinyl adhesive materials
• For flat label applications only
• 1" x 25-ft.
• Polyester temperature range: -40° to 302°F
• Vinyl temperature range: -50° to 225°F
Part No.
Description
T100X000VPC-BK
Black on white, vinyl tape
T100X000VPC-RD
Red on white, vinyl tape
T100X000VQC-BK
Black on blue, vinyl tape
T100X000VQC-WH
White on blue, vinyl tape
T100X000VSC-BK
Black on green, vinyl tape
T100X000VSC-WH
White on green, vinyl tape
T100X000VUC-BK
Black on orange, vinyl tape
T100X000VWC-BK
Black on red, vinyl tape
T100X000VWC-WH
White on red, vinyl tape
T100X000VXC-BK
Black on yellow, vinyl tape
T100X000VYC-WH
White on black, vinyl tape
T100X000YKC-BK
Black on clear, polyester tape
T100X000YKC-WH
White on clear, polyester tape
P1™ Continuous Reflective Tape Cassettes for PanTher™
LS8EQ and Hand-Held Thermal Transfer Printers
• Fast loading P1™ Label Cassette includes both label material and ribbon to make
changing labels easy
• Reflective material improves label visibility in low light conditions
• For flat label applications only
• 1" x 18-ft.
• Reflective temperature range: -40° to 180°F
Part No.
Description
T100X000RPC-BK
Black on white, reflective tape
T100X000RUC-BK
Black on orange, reflective tape
T100X000RXC-BK
Black on yellow, reflective tape
Metal Embossing Hand Tool and Tape System
• Multi-functional cutting die design creates embossed marker plates with raised cable tie slot in
one step instead of three, for faster installation
• Lightweight, compact, and portable, allows user to create custom length identification on
demand at remote job sites
• Embosses 3/16" characters (A-Z, 1-9, /, ( ) onto stainless steel or aluminum tape, to improve
visibility in applications that are subjected to dirt or paint
Part No.
Tool Kit
MEHT187
Includes tool, additional marking wheel, carrying case, one roll
each META (aluminum) and METS (stainless steel) tape.
*Aluminum ties are recommended for use with aluminum tape to prevent
galvanic reaction (corrosion that can occur between stainless steel and
aluminum in certain environments).
Part No.
Description
Roll Size
Std. Pkg.
Qty.
META-X
Aluminum tape*
0.50" x 16'
10
METS3-X
316 grade stainless steel tape
0.50" x 21'
METS4-X
304 grade stainless steel tape
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com