データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 68 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 68 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 64Page - PANDUIT CORP. PCV-FA Datasheet HTML 65Page - PANDUIT CORP. PCV-FA Datasheet HTML 66Page - PANDUIT CORP. PCV-FA Datasheet HTML 67Page - PANDUIT CORP. PCV-FA Datasheet HTML 68Page - PANDUIT CORP. PCV-FA Datasheet HTML 69Page - PANDUIT CORP. PCV-FA Datasheet HTML 70Page - PANDUIT CORP. PCV-FA Datasheet HTML 71Page - PANDUIT CORP. PCV-FA Datasheet HTML 72Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 116 page
background image
66
Large Handle Lever Lockout
Position Mounting Rail
Secure Slide Set
Slide Stop Bar into
position over breaker
Lock out large handle or lever circuit breakers.
• Also works on up to three individual circuit breakers, including a variety of
flip-lever switches
• Constructed of red dielectric ABS plastic and incorporates the octagon shape
to convey STOP
• Consists of three parts: Mounting Rail, Slide Set and Stop Bar
• Installs without drilling using 3M™ VHB™ industrial bonding tape (included)*
• Additional mounting rails available for use on multiple panels
• Dimensions: Mounting Rail: 5"L x 3/4"W x 1/4"D,
Slide Set: 2"L x 2"W x 1 3/8"D, and Stop Bar: 5"L x 1"W x 1"D
• Padlock and tag sold separately
*For best adhesion, ideal bond time is 24 to 72 hours prior to lockout application
Part No.
Description
UOM
PSL-1006
Large Handle Lever Lockout
Each
PSL-1007
Additional Mounting Rails, 5" L
VHB™ is a registered trademark of 3M™
Part No.
Description
UOM
PSL-1008
Cinch Lockout with 6-ft. cable
Each
PSL-1016
15-ft. cable (separate)
Funnel-shaped cable feeder for
quick placement.
Internal cable spooling feature
for storage.
Cinch Cable Lockout
Universal spooling cable locks out multiple devices at one time.
• Unique, compact internal spooling feature
• Lock out multiple devices quickly, neatly, and easily
• Simply extend and loop the 6-ft. nylon-coated steel cable through several devices
to lock them out; then insert the cable end back into the device to cinch tight
• When cable is cinched tight, device can then be secured with a padlock
(sold separately)
• Durable plastic, octagon-shaped device measures 3 1/2" x 4 1/4" x 1 1/4"
• When finished, spool the cable back inside the device for neat, easy storage
• Octagon shape reinforces lockout status and conveys STOP
Lockout / Tagout | Circuit Breaker & Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com