データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 17 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 17 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 13Page - PANDUIT CORP. PCV-FA Datasheet HTML 14Page - PANDUIT CORP. PCV-FA Datasheet HTML 15Page - PANDUIT CORP. PCV-FA Datasheet HTML 16Page - PANDUIT CORP. PCV-FA Datasheet HTML 17Page - PANDUIT CORP. PCV-FA Datasheet HTML 18Page - PANDUIT CORP. PCV-FA Datasheet HTML 19Page - PANDUIT CORP. PCV-FA Datasheet HTML 20Page - PANDUIT CORP. PCV-FA Datasheet HTML 21Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 116 page
background image
Safety Signs & Labels
15
800.777.3300 | Panduit.com
Electrical
Signs
Roll of Signs
Keep multiple safety signs for on-the-spot placement.
• Convenient, portable and economical
• 7" x 10" signs are surface-printed on
0.004" vinyl with permanent acrylic adhesive back
• Matte material is moisture-resistant
• Compact roll protects additional sign
versions underneath
• Simply peel-and-stick; adheres to most surfaces
• Available in two roll size options: 50 per roll and 100 per roll
50 / Roll
PVS0710W4025-L
100 / Roll PVS0710W4025-C
50 / Roll
PVS0710C4029-L
100 / Roll PVS0710C4029-C
50 / Roll
PVS0710D4019-L
100 / Roll PVS0710D4019-C
Available Sizes
Codes
7" x 10"
0710
10" x 14"
1014
14" x 10"
1410
Available Materials
Codes
Adhesive Vinyl (Each)
PVS
Polyester Laminated Vinyl (Each)
PLVS
Polyethylene Plastic (Each)
PRS
Aluminum (Each)
PAS
Select Size Code:
0710
2
How to Order Signs:
Select Material Code:
PVS
1
Combine Codes in Specific Order
for Complete Part Number: PVS0710D7130
4
Select Sign Base Part Number:
D7130
3
7" x 10"
10" x 14"
D7130
7" x 10"
10" x 14"
D7131
7" x 10
10" x 14"
D7132
7" x 10"
10" x 14"
D7133
14" x 10"
D4115
14" x 10"
D4012
7" x 10"
10" x 14"
D7135
14" x 10"
D4188
7" x 10"
10" x 14"
D7136
7" x 10"
10" x 14"
D7137
7" x 10"
10" x 14"
D7134
7" x 10"
10" x 14"
D7142
7" x 10"
10" x 14"
D7143
7" x 10"
10" x 14"
D7144
7" x 10"
10" x 14"
D7145
7" x 10"
10" x 14"
D7146
7" x 10"
10" x 14"
W7138
7" x 10"
10" x 14"
W7139
7" x 10"
10" x 14"
C7140
7" x 10"
10" x 14"
C7147
7" x 10"
10" x 14"
N7141
DANGER
DANGER
PANDUIT PPS0305D72
HIGH
VOLTAGE
PVS0109D72Y
PVS0204D72Y
PVS0204D72Y
PVS0305C174Y
PVS0505C174Y
PPS0305C174
PVS0710C173Y
PVS0209D445Y
PVS0204C171Y
PVS0710C180Y
THE FOLLOWING STEPS MUST
BE PERFORMED WHEN LOCKING
OUT EQUIPMENT:
1 - Identify all potential hazards
and energy sources.
2 - Inform operator / supervisor about
work to be performed.
3 - Prepare equipment for shutdown.
4 - Shutdown / turn off equipment.
5 - Isolate and LOCKOUT energy sources.
6 - Release all stored energy.
7 - Test equipment for zero energy state.
8 - Clear personnel / tools before
and after job.
9 - Remove locks and tags when work
completed.
PVS0503N458Y
LOCK OUT
BEFORE SERVICING
PVS0204C176Y
PVS0204C179Y
DANGER
VOLTS
PPS0710D28
DANGER
ELECTRICAL EQUIPMENT
AUTHORIZED
PERSONNEL ONLY
PRS1014D71
DANGER
HIGH VOLTAGE
UNAUTHORIZED PERSONNEL
KEEP OUT
PRS1420D75
PRS0910D453
LOCK OUT
HERE
PVS0204C177Y
PVS0204C178Y
DANGER
AREA IN FRONT OF THIS ELECTRICAL
PANEL MUST BE KEPT CLEAR FOR
36 INCHES OSHA - NEC REGULATIONS
PPS0710D66
PPS0710D73
PPS1014D73
PRS1014D73
PPS0710D77
WARNING
RISK OF FIRE OR ELECTRIC SHOCK
The opening of the branch-circuit protective device may be
an indication that a fault current has been interrupted.
All current carrying parts and other componenets protected
by this device should be examined and replaced if damaged.
If burnout of a current element of an overload relay occurs,
the complete overload relay must be replaced.
SHORT CIRCUIT CURRENT
kA;
VMAX
PANDUIT PVS0305W2201Y
PPS0305W2201Y
PPS0507W2201Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com