データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 85 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 85 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 81Page - PANDUIT CORP. PCV-FA Datasheet HTML 82Page - PANDUIT CORP. PCV-FA Datasheet HTML 83Page - PANDUIT CORP. PCV-FA Datasheet HTML 84Page - PANDUIT CORP. PCV-FA Datasheet HTML 85Page - PANDUIT CORP. PCV-FA Datasheet HTML 86Page - PANDUIT CORP. PCV-FA Datasheet HTML 87Page - PANDUIT CORP. PCV-FA Datasheet HTML 88Page - PANDUIT CORP. PCV-FA Datasheet HTML 89Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
83
GHS Pre-Printed Hazard Symbols
Write-On GHS Tags and Signs
Hazard Pictogram
Part Number
Size 1.00"
Part Number
Size 2.00"
Part Number
Size 4.00"
Exploding Bomb
PVS0101GEX
PVS0202GEX
PVS0404GEX
Gas Cylinder
PVS0101GGP
PVS0202GGP
PVS0404GGP
Flame Over Circle
PVS0101GOX
PVS0202GOX
PVS0404GOX
Flame
PVS0101GF
PVS0202GF
PVS0404GF
Corrosion
PVS0101GC
PVS0202GC
PVS0404GC
Skull and Crossbones
PVS0101GST
PVS0202GST
PVS0404GST
Exclamation Mark
PVS0101GAT
PVS0202GAT
PVS0404GAT
Health Danger
PVS0101GHD
PVS0202GHD
PVS0404GHD
Environmental
PVS0101GE
PVS0202GE
PVS0404GE
GHS | Haz-Com / GHS
800.777.3300 | Panduit.com
New Globally Harmonized Standard (GHS) Label Format
Required Elements
Write-on tags and signs allow for quick and easy labeling for compliance
with the new GHS requirements. GHS tags and signs are for use with
PVS006006G*
Pictogram Labels (sold separately).
Nine hazard pictograms available on cards are in compliance with the GHS
standard. Labels are vinyl material for indoor or outdoor use. Available in four
size options:
• 1.00" with 16 labels per card
• 2.00" with 4 labels per card
• 4.00" with 2 labels per card
*Custom Printed GHS Labels are also available. Please visit www.panduit.com/ghs for more information.
FIRST AID
Chemical Name
Chemical Identifiers
Hazard Statement
First Aid Statement
Precautionary Statement
Company Name
Address
Phone
Vinyl Tag
5.75"H x 3.00"W PVT-GHS-Q
Vinyl Sign
3.00"H x 5.00"W
PVS0305GHS
3. Signal Word:
Indicates relative level of
hazard. “DANGER” is used
for most severe instances;
“WARNING” is less severe.
4. Precautionary Statement:
Indicates recommended
measures to be taken to
minimize or prevent adverse
effects from exposure to a
hazardous chemical.
5. Hazard Statement:
Describes the
nature of the
hazard(s) of a
chemical and
often the degree
of the hazard.
2. Pictogram Hazard
Symbols in Red
Diamonds:
Indicates what type of risk
physical/chemical,
health, or environmental.
6. Manufacturer
Information:
Company name,
address, and
phone number.
1. Product Identifier
or Name:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com