データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 14 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 14 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 10Page - PANDUIT CORP. PCV-FA Datasheet HTML 11Page - PANDUIT CORP. PCV-FA Datasheet HTML 12Page - PANDUIT CORP. PCV-FA Datasheet HTML 13Page - PANDUIT CORP. PCV-FA Datasheet HTML 14Page - PANDUIT CORP. PCV-FA Datasheet HTML 15Page - PANDUIT CORP. PCV-FA Datasheet HTML 16Page - PANDUIT CORP. PCV-FA Datasheet HTML 17Page - PANDUIT CORP. PCV-FA Datasheet HTML 18Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 116 page
background image
12
Safety Signs & Labels
Cross Barrier
Cross out open entryway to a confined space.
• Crossbuck design fits onto bolt pattern of vertical confined space entry
• Attention-getting diagonal red-white stripes are surface-printed and protected
by laminate film
• Adjustable crossbuck pivots flat for easy transport and storage
• Crossbuck arms measure 6" x 42" with 1.5" x 9" slotted cutouts at each end
• 11.5" x 11.5" octagonal sign is printed on 0.055" polyethylene plastic
• Fits 22" to 38" outside bolt-to-bolt*
• Crossbucks available in two materials:
- Standard style is 0.060" polycarbonate plastic – durable to withstand initial impacts
and scratches
- Heavy-Duty style is 0.118" Poly-Aluminum – combines aluminum and thermoplastic
core for high strength and impact protection
* To verify proper fit of the barrier for your entryway, measure the length across the entryway
from bolt to bolt; then measure the bolt diameter and compare to slot width.
Plastic
PCSP0006
Poly-Aluminum
PCSP0009
Plastic
PCSP0007
Poly-Aluminum
PCSP0010
Plastic
PCSP0008
Poly-Aluminum
PCSP0011
Plastic
PCSP0012
Poly-Aluminum
PCSP0013
Description
Material
UOM
Standard
Plastic
Each
Heavy-Duty
Poly-Aluminum
Mark confined spaces that are otherwise difficult to label
by using ink or paint stencils.
• 0.010" thermo-plastic stencils
• Fits a 7" x 10" image area
• Header line has approx. 2" H letters
• Message area has 1" H letters
Permit Holder Board
Entry Permit Pad
Stencils
UOM
Each
7" x 10"
PCSP0003
7" x 10"
PCSP0004
7" x 10"
PCSP0005
Board communicates confined space requirements and
holds related permits.
• Hang or set board near or at entrance of confined space to be readily
seen by all
• Features large sign legend with clear acrylic pocket
• Holds 8.5" x 11" entry permit sheets (available separately)
• Constructed of durable 0.125" thick PVC
• Measures 12"H x 19"W with mounting holes
• Not recommended for outdoor use
• Easy to write on, 8.5" x 11" sheets
• Conveniently packaged in easy to
tear off pads
• 100 sheets
per pad
Comply with OSHA 29 CFR
§ 1910.146(e)(1)
Part No.
UOM
PCSP0002
100 Sheets/Pad
Part No.
UOM
PCSP0001
Each



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com