データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 48 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 48 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 44Page - PANDUIT CORP. PCV-FA Datasheet HTML 45Page - PANDUIT CORP. PCV-FA Datasheet HTML 46Page - PANDUIT CORP. PCV-FA Datasheet HTML 47Page - PANDUIT CORP. PCV-FA Datasheet HTML 48Page - PANDUIT CORP. PCV-FA Datasheet HTML 49Page - PANDUIT CORP. PCV-FA Datasheet HTML 50Page - PANDUIT CORP. PCV-FA Datasheet HTML 51Page - PANDUIT CORP. PCV-FA Datasheet HTML 52Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 116 page
background image
46
Safety Absence of Voltage Testers (AVT)
• Services other environments with Hazardous Location offering covering Class 1 Division 2 and Class 1 Zone 2 environments.
• Reduces the risk of exposure to electrical hazards which improves worker safety.
• Continues to provide a simplified process for easier compliance when used as part of the lockout/tagout process described
in NFPA 70E.
Shown: VS-AVT2
VeriSafe™ Hazardous Locations Absence of Voltage Tester (AVT)
Part No.
Description
VS-AVT2-C02-L03
VeriSafe™ Absence of Voltage Tester for Class 1 Division 2 hazardous locations - 2 ft. system cable, 3 ft. sensor leads
VS-AVT2-C08-L10
VeriSafe™ Absence of Voltage Tester for Class 1 Division 2 hazardous locations - 8 ft. system cable, 10 ft. sensor leads
• The VeriSafe™ Insulation Piercing Connector provides a fast, secure, and reliable way to terminate AVT sensor leads.
• The compact connector design accommodates up to two taps in a single housing that fully insulates both connections.
• The patent pending connector allows taps to be made without compromising the integrity of conductors and includes
integrated strain relief.
• Installation is fast and easy without the need to strip wires.
• Ideal for new and retrofit applications, connections can be made without modifying existing conductor runs.
VeriSafe™ Insulation Piercing Connectors
Part No.
Description
VS-CKP14-6
VeriSafe™ Insulation Piercing Connection Kit for Tapping 14 to 6 AWG conductors. Kit includes 3 connectors for installment
of 1 AVT
VS-CKP4-000
VeriSafe™ Insulation Connection Kit for Tapping 4 to 3/0 AWG conductors. Kit includes 3 connectors for
installment of 1 AVT
Equipment Retrofit Kits
VS-AVT-RKP1
Complete kit to retrofit equipment with VeriSafe™ Absence of Voltage Tester. Includes AVT device with 10 ft. sensor leads,
8 ft. system cable, VeriSafe™ Insulation Piercing Connection Kit 14-6 AWG power connectors, (12) cable ties, (6) cable tie
mounts, (1) wire marker card
VS-AVT-RKP2
Complete kit to retrofit equipment with VeriSafe™ Absence of Voltage Tester. Includes AVT device with 10 ft.
sensor leads, 8 ft. system cable, VeriSafe™ Insulation Piercing Connection Kit 4 - 3/0 AWG power connectors, (12) cable
ties, (6) cable tie mounts, (1) wire marker card
Shown: VS-AVT
VeriSafe™ Absence of Voltage Tester (AVT)
Part No.
Description
VS-AVT-C02-L03
VeriSafe™ Absence of Voltage Tester with 2 ft. system cable, 3 ft. sensor leads
VS-AVT-C08-L10
VeriSafe™ Absence of Voltage Tester with 8 ft. system cable, 10 ft. sensor leads
Equipment Retrofit Kits
VS-AVT-RKP1
Complete kit to retrofit equipment with VeriSafe™ Absence of Voltage Tester. Includes AVT device with 10 ft. sensor leads,
8 ft. system cable, VeriSafe™ Insulation Piercing Connection Kit 14-6 AWG power connectors, (12) cable ties, (6) cable tie
mounts, (1) wire marker card
VS-AVT-RKP2
Complete kit to retrofit equipment with VeriSafe™ Absence of Voltage Tester. Includes AVT device with
10 ft. sensor leads, 8 ft. system cable, VeriSafe™ Insulation Piercing Connection Kit 4 - 3/0 AWG power
connectors, (12) cable ties, (6) cable tie mounts, (1) wire marker card
Accessories
VS-AVT-CABLE-02
AVT System Cable for use with VeriSafe™ AVT device. Cable length is 2 ft.
VS-AVT-CABLE-04
AVT System Cable for use with VeriSafe™ AVT device. Cable length is 4 ft.
VS-AVT-CABLE-08
AVT System Cable for use with VeriSafe™ AVT device. Cable length is 8 ft.
VS-AVT-CABLE-16
AVT System Cable for use with VeriSafe™ AVT device. Cable length is 16 ft.
VS-AVT-CABLE-20
AVT System Cable for use with VeriSafe™ AVT device. Cable length is 20 ft.
VS-AVT-CABLE-30
AVT System Cable for use with VeriSafe™ AVT device. Cable length is 30 ft.
VS-AVT-IL-LINE
Instruction Label for Verisafe™ AVT Device with Line Side Checked
VS-AVT-IL-LOAD
Instruction Label for Verisafe™ AVT Device with Line Side Checked
VS-AVT-DL
Diagnostic Label for Verisafe™ AVT Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com