データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCV-FA データシート(PDF) 73 Page - PANDUIT CORP.

部品番号 PCV-FA
部品情報  EVERY 30 MINUTES A WORKER IS SEVERELY HURT FROM ELECTRICITY AND THE COSTS ARE SURPRISING
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANDUIT [PANDUIT CORP.]
ホームページ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCV-FA データシート(HTML) 73 Page - PANDUIT CORP.

Back Button PCV-FA Datasheet HTML 69Page - PANDUIT CORP. PCV-FA Datasheet HTML 70Page - PANDUIT CORP. PCV-FA Datasheet HTML 71Page - PANDUIT CORP. PCV-FA Datasheet HTML 72Page - PANDUIT CORP. PCV-FA Datasheet HTML 73Page - PANDUIT CORP. PCV-FA Datasheet HTML 74Page - PANDUIT CORP. PCV-FA Datasheet HTML 75Page - PANDUIT CORP. PCV-FA Datasheet HTML 76Page - PANDUIT CORP. PCV-FA Datasheet HTML 77Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 116 page
background image
Plug & Group Lock Box | Lockout / Tagout
71
Network security devices block unauthorized access to existing network infrastructure in the data center, at the workstation, in the industrial automation panel, and more. These
devices save time and money associated with network downtime, data security breaches, infrastructure repair, and hardware replacement due to theft. The innovative design of the
blockout device snaps into modules and is released with the removal tool, ensuring the safety and security of the network infrastructure. The versatile design of the lock-in device is
compatible with most existing patch cords, faceplates, patch panels, IP cameras, and other IP devices. It is also compatible with VoIP phones to help prevent unauthorized tampering
with connectivity to ensure E911 continuity.
Network Security Devices
PSL-DCJB
PSL-DCJB-BL
PSL-DCPLRX
PSL-DCPLRX-BL
PSL-USBA
Part No.
Jack Type
Package Content
Blockout
Color
Std. Pkg.
Qty.
PSL-DCJB
RJ45
RJ45 jack blockout devices
and one removal tool
Red
10
PSL-DCJB-BL
Black
PSL-USBA
USB Type ‘A’
USB Type ‘A’ blockout devices
and one removal tool
Red
5
Part No.
Package Content
Plug Lock-In
Color
Std. Pkg.
Qty.
PSL-DCPLX
Lock-in devices,
and one installation/removal tool
Red
10
PSL-DCPLX-BL
Black
PSL-DCPLRX
Recessed lock-in devices,
and one installation/removal tool
Red
PSL-DCPLRX-BL
Black
Jack Module Blockout Device
• Blocks unauthorized access to jacks and potentially harmful foreign objects, saving
time and money associated with data security breaches, network downtime, repair
and hardware replacement
• Compatible with most RJ45 and USB Type ‘A’ jacks to accommodate a variety of
applications and does not interfere with jack contacts separation and punched
hole for hanging
• Can be installed/removed without interfering with adjacent jacks or hardware
• May only be released with the special removal tool, ensuring the safety and security
of your network infrastructure
RJ45 Plug Lock-In Devices
• Tamper-resistant design blocks unauthorized removal of cable, IP phone,
other networking equipment or critical connection
• Deters unauthorized users from moving or stealing VoIP phones helping to
maintain E911 service
• Compact design does not interfere with adjacent jacks, even in
high-density applications
Removal Tool
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com